전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LSWM-453232-R56K-B

  • AI
    The **LSWM-453232-R56K-B** is a specific surface-mount (SMD) power inductor. This component is designed to manage electrical current and filter noise within a circuit. Below is a detailed breakdown of its electronic characteristics and specifications. ### 1. Part Number Deciphering Understanding the nomenclature helps identify the physical and electrical constraints of the part: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **LSWM** | Series Series | Indicates a Wire-Wound Molded Chip Inductor. | | **453232** | Dimensions | Metric size: 4.5mm x 3.2mm x 3.2mm (approx. 1812 case size). | | **R56** | Inductance Value | **0.56 µH** (Microhenries). | | **K** | Tolerance | **±10%** (Standard tolerance for inductors). | | **B** | Packaging/Special | Often refers to Bulk or a specific reel type. | --- ### 2. Key Electrical Specifications While specific datasheets may vary slightly by manufacturer (such as Taiyo Yuden or Bourns equivalents), a component with this designation typically follows these parameters: * **Inductance:** 0.56 µH. * **Operating Temperature:** Generally ranges from $-40^\circ\text{C}$ to $+125^\circ\text{C}$. * **Material:** Ferrite core with a copper wire winding, often molded in a resin or plastic case for protection. * **DC Resistance (DCR):** Low resistance to minimize power loss and heat generation. * **Self-Resonant Frequency (SRF):** High SRF, allowing it to remain inductive at high frequencies without becoming capacitive. --- ### 3. Functional Applications The LSWM-453232-R56K-B is primarily used in power management and signal processing. #### Power Conversion It is commonly used in **DC-DC converters** (Buck or Boost) to store energy in the magnetic field during the switching cycle. #### EMI Suppression Because it is a wire-wound inductor, it is effective at filtering out high-frequency electromagnetic interference (EMI) from power lines, ensuring "clean" power reaches sensitive components like CPUs or RF modules. #### Signal Decoupling It acts as a low-pass filter, allowing DC current to pass while blocking high-frequency noise that could interfere with signal integrity. --- ### 4. Mounting and Footprint The "453232" footprint is standard in the industry, making it compatible with automated SMT (Surface Mount Technology) pick-and-place machines. ```yaml Package Type: SMD (Surface Mount Device) Case Code: 1812 (Imperial) / 4532 (Metric) Mounting: Reflow Soldering ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for this specific inductor model?
    • ⤷ Can this inductor be used in high-frequency RF applications?
    • ⤷ What are the common alternatives if the LSWM series is out of stock?