전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LT8418ACBZ-R7

  • AI
    The **LT8418ACBZ-R7** is a high-performance, high-speed half-bridge gate driver designed by Analog Devices (Linear Technology). It is specifically engineered to drive Enhancement-mode Gallium Nitride (GaN) FETs or N-channel Silicon MOSFETs. --- ## 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the LT8418: | Feature | Specification | | :--- | :--- | | **Driver Configuration** | Half-Bridge (High-Side and Low-Side) | | **Maximum Operating Voltage** | 100V | | **Peak Source Current** | 4A | | **Peak Sink Current** | 8A | | **Propagation Delay** | 10ns (Typical) | | **Supply Voltage Range** | 4.5V to 6.2V | | **Package Type** | WLCSP (Wafer Level Chip Scale Package) | --- ## 2. Core Features & Functions ### A. Integrated Bootstrap Switch Unlike many gate drivers that require an external Schottky diode for the high-side supply, the LT8418 integrates a high-speed synchronous bootstrap switch. This reduces PCB footprint and parasitic inductance. ### B. High-Speed Switching The device is optimized for high-frequency operation (up to several MHz). The minimal propagation delay and tight matching between the high-side and low-side drivers prevent "shoot-through" and allow for very short dead times. ### C. Split Gate Outputs The LT8418 provides independent pins for sourcing and sinking current (**HO/HS** and **LO/LS**). This allows designers to use different resistors for turning the FET "on" versus "off," enabling precise control over $dv/dt$ and electromagnetic interference (EMI). ### D. Under-Voltage Lockout (UVLO) To protect the GaN FETs—which are sensitive to gate voltage—the chip monitors the supply voltage. If the voltage drops below a safe threshold, the outputs are disabled to prevent the FETs from operating in a high-resistance linear region. --- ## 3. Typical Applications The LT8418 is commonly found in power conversion systems where high efficiency and high power density are required: 1. **GaN-based DC/DC Converters:** Buck, Boost, and Half-bridge topologies. 2. **Lidar Drivers:** High-speed pulsing for laser diodes. 3. **Class-D Audio Amplifiers:** Utilizing high switching frequencies for better audio fidelity. 4. **Wireless Power Transfer:** Operating at MHz frequencies to improve coupling efficiency. --- ## 4. Package Information: "ACBZ-R7" The suffix provides specific manufacturing details: - **ACBZ:** Refers to the WLCSP package (0.15mm pitch, very small footprint). - **R7:** Indicates the packaging format, specifically a **7-inch Tape and Reel** (typically 1,500 units). ---
    ✨ Follow-up Questions
    • ⤷ How does the LT8418 handle dead-time control compared to other drivers?
    • ⤷ What are the specific layout considerations for using GaN FETs with this driver?
    • ⤷ Can this driver be used in a Full-Bridge configuration?