전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LTC1480IS8

  • AI
    The **LTC1480IS8** is a low-power, differential bus/line transceiver designed for RS485 and RS422 communications. It is manufactured by Linear Technology (now part of Analog Devices) and is specifically optimized for 3.3V systems. --- ### ## 1. Key Specifications The LTC1480 is a popular choice for battery-powered or low-voltage industrial applications. | Feature | Specification | | :--- | :--- | | **Supply Voltage ($V_{CC}$)** | 3.0V to 3.6V | | **Communication Standard** | RS485 / RS422 | | **Driver Output Current** | ±60mA | | **Data Rate** | Up to 2.5 Mbps | | **Quiescent Current** | 300µA (Typical) | | **Package Type** | 8-Lead SOIC (S8) | | **Temperature Range** | -40°C to 85°C (Industrial Grade "I") | --- ### ## 2. Pin Configuration The device uses a standard 8-pin layout compatible with many other RS485 transceivers (like the MAX485), though it operates at a lower voltage. 1. **RO (Receiver Output):** If A > B by 200mV, RO is HIGH. 2. **RE (Receiver Enable):** Active LOW. Pulling this pin LOW enables the receiver. 3. **DE (Driver Enable):** Active HIGH. Pulling this pin HIGH enables the driver. 4. **DI (Driver Input):** The logic signal to be transmitted. 5. **GND:** Ground connection. 6. **A:** Non-inverting Driver Output / Receiver Input. 7. **B:** Inverting Driver Output / Receiver Input. 8. **Vcc:** Positive Supply (3.3V). --- ### ## 3. Core Functional Features #### ### Low Power Consumption The LTC1480 is designed for efficiency. In addition to its low operating current, it features a **shutdown mode**. When both RE is HIGH and DE is LOW, the device enters a state where it draws only about 1µA of current. #### ### Differential Signaling By using two wires (A and B) to transmit the difference in voltage, the chip provides high immunity to electromagnetic interference (EMI) and ground loops, making it ideal for long-distance communication (up to 4000 feet). #### ### Safety Features * **Thermal Shutdown:** Protects the chip from damage caused by bus contention or faults. * **Fail-Safe Feature:** The receiver output is guaranteed to be HIGH if the inputs are open or shorted. --- ### ## 4. Common Application Areas * **Low Power RS485/RS422 Networks:** Battery-operated sensors and remote monitoring. * **Level Translation:** Interfacing 3.3V microcontrollers with industrial communication buses. * **Industrial Control:** Connecting PLCs, HMIs, and motor drives in noisy environments. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the LTC1480 and the standard 5V MAX485?
    • ⤷ How do I calculate the termination resistor value for an LTC1480 network?
    • ⤷ Can the LTC1480 be used in a full-duplex configuration?