전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LTC1663-2CS5

  • AI
    ## Overview of the LTC1663-2CS5 The **LTC1663-2CS5** is a high-performance, 10-bit digital-to-analog converter (DAC) manufactured by Analog Devices (formerly Linear Technology). It is specifically designed for low-power, space-constrained applications. ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Resolution** | 10-Bit | | **Interface** | 2-Wire (I²C Compatible) | | **Supply Voltage** | 2.7V to 5.5V | | **Supply Current** | 60µA (typical) | | **Package** | 5-Lead SOT-23 | | **Output Type** | Voltage Rail-to-Rail | | **DNL** | ±0.75 LSB (max) | --- ### Internal Functional Blocks The device consists of several critical electronic sections that work together to convert digital data into a precise analog voltage: 1. **I²C Interface Logic:** Handles the 2-wire communication protocol. It includes an address decoder, a shift register, and an acknowledge (ACK) generator. 2. **Input Register:** A double-buffered register that holds the digital code. This ensures the output only changes when a complete update command is received, preventing "glitches" during data transmission. 3. **Resistor String DAC:** The core conversion component. It uses a series of matched resistors to divide the reference voltage into $2^{10}$ (1024) discrete levels. 4. **Rail-to-Rail Output Buffer:** A precision internal operational amplifier that buffers the resistor string output. It allows the output to swing from 0V to the supply voltage ($V_{CC}$), capable of driving capacitive loads. 5. **Power-On Reset (POR):** Ensures the DAC output starts at 0V when power is first applied. --- ### Pin Configuration (SOT-23-5) | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **Vout** | Analog Voltage Output | | 2 | **GND** | System Ground | | 3 | **Vcc** | Supply Voltage Input (2.7V - 5.5V) | | 4 | **SCL** | Serial Clock Input (I²C) | | 5 | **SDA** | Serial Data Input/Output (I²C) | --- ### Key Operational Features * **Micropower Operation:** Consuming only 60µA, it is ideal for battery-powered instruments. * **Sleep Mode:** The device can be put into a software-controlled shutdown mode, reducing current consumption to less than 10µA. * **Internal Reference:** The LTC1663-2 variant features an internal reference that simplifies the design by removing the need for an external voltage source. * **Address Selection:** The "CS5" suffix usually denotes the SOT-23 package. Note that the I²C address is hard-coded at the factory, though different versions (LTC1663, LTC1663-8, etc.) offer different addresses. ### Typical Applications * Digital Calibration (Offset/Gain adjustment). * Industrial Process Control. * Battery-Powered Instruments. * Remote Device Adjustment via I²C. ---
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the LTC1663 and the LTC1663-8 variant?
    • ⤷ How do you implement the I2C addressing for multiple LTC1663 chips on a single bus?
    • ⤷ What is the maximum clock frequency supported by the LTC1663 I2C interface?