전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LTC1663CS5

  • AI
    ## Overview of the LTC1663CS5 The **LTC1663CS5** is a high-performance, 10-bit digital-to-analog converter (DAC) manufactured by Analog Devices (formerly Linear Technology). It is specifically designed for small-footprint applications that require low power consumption and ease of integration via the $I^2C$ bus. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Resolution** | 10-Bit | | **Interface** | 2-Wire $I^2C$ Serial | | **Supply Voltage** | 2.7V to 5.5V | | **Package** | 5-Lead SOT-23 | | **Power Consumption** | 60μA (Typical) | | **Sleep Mode** | 10μA (Maximum) | | **DNL (Differential Non-Linearity)** | ±0.75 LSB (Max) | --- ### Major Electronic Components & Features #### 1. Internal Architecture The chip integrates a precision resistor string DAC, an internal rail-to-rail output buffer amplifier, and a control logic unit that handles the $I^2C$ protocol. #### 2. $I^2C$ Interface Unlike many SPI-based DACs, the LTC1663 uses only two lines (SDA and SCL) for communication. * **Addressing:** It responds to a specific 7-bit address, allowing multiple devices to reside on the same bus. * **Speed:** It supports Standard and Fast modes (up to 400kHz). #### 3. Power Management * **Low Quiescent Current:** At only 60μA, it is ideal for battery-operated handheld devices. * **Sleep Mode:** The software can trigger a sleep command, dropping the current to roughly 10μA to extend battery life when the DAC is not in use. #### 4. Rail-to-Rail Output The output amplifier allows the voltage to swing from 0V to the supply voltage ($V_{CC}$). This maximizes the dynamic range for the 10-bit resolution. --- ### Pin Configuration (SOT-23-5) | Pin Number | Name | Description | | :---: | :--- | :--- | | 1 | **Vout** | Analog Output Voltage | | 2 | **GND** | System Ground | | 3 | **SCL** | $I^2C$ Serial Clock Input | | 4 | **SDA** | $I^2C$ Serial Data Input/Output | | 5 | **Vcc** | Supply Voltage (2.7V - 5.5V) | --- ### Typical Application Circuit ```c // Example pseudo-code to set output voltage via I2C // Address: 0100000 (standard for LTC1663) void setDAC(uint16_t value) { Wire.beginTransmission(0x20); // Device Address Wire.write(0x00); // Command Byte (Update DAC) Wire.write(value >> 2); // MSB 8 bits Wire.write(value << 6); // LSB 2 bits Wire.endTransmission(); } ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific address options for the LTC1663CS5?
    • ⤷ How does the LTC1663 handle power-on reset states?
    • ⤷ What is the maximum output current drive for this DAC?