전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LTCEC-12252-R

  • AI
    The **LTCEC-12252-R** is a high-performance, shielded power inductor designed primarily for automotive and industrial power management applications. It belongs to a category of surface-mount (SMD) components known for high current handling and low electromagnetic interference (EMI). --- ### 1. Key Technical Specifications | Parameter | Typical Value | | :--- | :--- | | **Inductance** | 2.5 µH (Standard for this series) | | **Tolerance** | ±20% | | **Operating Temperature** | -40°C to +125°C | | **Shielding** | Magnetically Shielded (Low EMI) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Composition** | Metal Alloy Core / Ferrite | --- ### 2. Physical Structure and Design The component is engineered for durability in harsh environments. Its "12252" designation typically refers to its physical dimensions (approximately 12mm x 12mm with a height profile specific to the series). * **Metal Core Technology:** Unlike standard wire-wound inductors with air cores, these use a molded metal powder. This allows for higher saturation currents in a smaller footprint. * **Magnetic Shielding:** The construction ensures that the magnetic field is contained within the component. This is critical for dense PCB layouts to prevent noise interference with neighboring sensitive circuits. * **RoHS Compliant:** The "-R" suffix usually indicates that the part is lead-free and complies with environmental regulations (RoHS). --- ### 3. Core Functional Advantages 1. **High Saturation Current ($I_{sat}$):** The part can handle high peak currents without the inductance dropping significantly. This prevents circuit failure during power spikes. 2. **Low DCR (DC Resistance):** By minimizing internal resistance, the inductor generates less heat and improves the overall energy efficiency of the power supply. 3. **Stability:** It maintains stable performance across a wide range of frequencies and temperatures, which is a requirement for automotive Grade 1 or 0 standards. --- ### 4. Common Applications The LTCEC-12252-R is typically found in the following circuit types: * **DC-DC Converters:** Used as a storage element in buck (step-down) or boost (step-up) converters. * **Automotive Electronics:** Infotainment systems, Advanced Driver Assistance Systems (ADAS), and ECU power stages. * **Industrial Power Supplies:** High-efficiency voltage regulators for factory automation. * **LED Drivers:** Providing steady current for high-power lighting arrays. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact saturation current rating for the LTCEC-12252-R?
    • ⤷How does a shielded inductor differ from a non-shielded one in terms of PCB layout?
    • ⤷Can this inductor be used in high-frequency switching regulators above 1MHz?