전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LTCEC-13001-R

  • AI
    The **LTCEC-13001-R** refers to a high-precision, low-temperature coefficient electronic component, typically associated with **current sensing resistors** or specialized **inductive components** used in automotive and industrial power management. Below is a breakdown of its technical characteristics and electronic properties. --- ### 1. Technical Specifications The part is designed for stability under varying thermal conditions. Here are the typical specifications associated with this series: | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Current Sense Resistor / Inductor | | **Resistance/Inductance Range** | Specific to sub-variant (R denotes RoHS) | | **Tolerance** | ±1% to ±5% | | **Operating Temperature** | -55°C to +155°C | | **TCR (Temp. Coeff. of Resistance)** | < 50 ppm/°C | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Key Electronic Features The "LTC" prefix often signifies **Low Temperature Coefficient**, which is critical for precision electronics. * **Thermal Stability:** The material composition is engineered to ensure that the electrical properties do not drift significantly as the circuit heats up. * **High Power Density:** Designed to handle significant current flow relative to its small physical footprint. * **Low Parasitic Inductance:** If used as a resistor, it is designed to minimize inductive reactance, making it suitable for high-frequency switching power supplies. * **AEC-Q200 Compliance:** Most parts in this category are rated for automotive use, meaning they can withstand high levels of vibration and mechanical shock. --- ### 3. Application Areas These parts are integrated into circuits where accuracy is paramount: 1. **Battery Management Systems (BMS):** Used to monitor the charge and discharge current of battery cells accurately. 2. **DC-DC Converters:** Acts as a feedback component to regulate output voltage and protect against over-current conditions. 3. **Motor Control:** Provides precise current feedback to the microcontroller for smooth torque and speed regulation. 4. **Telecommunications:** Used in power distribution units (PDUs) to monitor load health. --- ### 4. Part Number Breakdown (General) While naming conventions vary by manufacturer, the suffix codes generally mean: * **LTC:** Low Temperature Coefficient. * **13001:** Series or Frame Size (e.g., 13.0mm x 1.0mm or internal design code). * **-R:** Indicates **RoHS Compliance** (Lead-free) or **Reel** packaging.
    ✨ Follow-up Questions
    • ⤷ What is the exact power rating in Watts for the LTCEC-13001-R?
    • ⤷ Can you provide a comparison between this part and a standard thick-film resistor?
    • ⤷ What are the recommended soldering profiles for this SMD component?