전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LTCEC-1300D-R

  • AI
    The **LTCEC-1300D-R** is a high-performance, compact **DC-DC Converter** module, typically utilized in industrial automation, telecommunications, and power distribution systems. It is designed to provide stable power conversion with a focus on high efficiency and reliability. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the LTCEC-1300D-R: | Feature | Specification | | :--- | :--- | | **Component Type** | Isolated DC-DC Converter | | **Input Voltage Range** | 18V - 36V DC (Standard 24V Input) | | **Output Voltage** | 12V DC (Regulated) | | **Maximum Power Output** | 300W | | **Efficiency** | Up to 92% | | **Isolation Voltage** | 1500V DC | | **Cooling** | Conduction/Convection | --- ### 2. Core Electronic Components & Architecture The internal circuitry of the LTCEC-1300D-R consists of several critical stages: 1. **Input Filter Stage:** Uses high-capacitance electrolytic capacitors and inductors (EMI filters) to suppress noise and protect against voltage spikes. 2. **Switching Controller (PWM):** An integrated circuit that manages the duty cycle of the power MOSFETs to maintain a steady output regardless of input fluctuations. 3. **Power MOSFETs:** High-speed transistors that "chop" the DC input into a high-frequency AC signal for the transformer. 4. **High-Frequency Transformer:** Provides galvanic isolation between the input and output stages while stepping down the voltage. 5. **Synchronous Rectification:** Uses MOSFETs instead of diodes on the output side to reduce heat dissipation and increase energy efficiency. --- ### 3. Protection Mechanisms To ensure longevity and safety, the module incorporates the following electronic protections: * **OCP (Over-Current Protection):** Automatically limits current if the load exceeds 110-120% of rated capacity. * **OVP (Over-Voltage Protection):** Clamps the output voltage to prevent damage to downstream sensitive electronics. * **OTP (Over-Temperature Protection):** Throttles or shuts down the device if internal temperatures exceed safe operating limits. * **UVLO (Under-Voltage Lockout):** Prevents the device from starting if the input voltage is too low to operate reliably. --- ### 4. Typical Application Circuit When integrating this part into a PCB, a basic configuration follows this logic: ```c // Pseudo-layout for pin connection [Input +] ---- [Fuse] ---- [LTCEC-1300D-R Vin+] [Input -] ---------------- [LTCEC-1300D-R Vin-] // Output side [LTCEC-1300D-R Vout+] ---- [Filter Cap] ---- [Load] [LTCEC-1300D-R Vout-] ---------------------- [GND] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal management requirements for the LTCEC-1300D-R?
    • ⤷ Can this module be connected in parallel for higher power output?
    • ⤷ What is the physical footprint and mounting style of this converter?