전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LTCEC-1303-R/Q

  • AI
    The **LTCEC-1303-R/Q** refers to a high-precision, low-power current sense resistor series, typically used in power management and battery sensing applications. Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Overview This component belongs to the **Metal Foil Current Sense Resistor** category. It is designed to provide highly accurate feedback to integrated circuits (ICs) that monitor current flow by measuring the voltage drop across the resistor. ### Key Specifications | Parameter | Typical Value / Range | Description | | :--- | :--- | :--- | | **Resistance Value** | 1mΩ to 100mΩ | Extremely low resistance to minimize power loss. | | **Tolerance** | ±0.5%, ±1% | High precision for accurate current measurement. | | **Power Rating** | 1W - 3W | Capable of handling significant current loads. | | **TCR** | ±50 ppm/°C | Temperature Coefficient: Stability across heat ranges. | | **Case Size** | 1206 / 2512 | Standard SMD (Surface Mount Device) footprints. | --- ## 2. Core Features * **AEC-Q200 Compliance:** The "Q" suffix often denotes automotive-grade qualification, meaning it can withstand high vibration and extreme temperature cycles. * **Low Inductance:** The metal foil construction ensures minimal parasitic inductance, making it suitable for high-frequency switching power supplies. * **Thermal Management:** Designed with materials that have high thermal conductivity to dissipate heat quickly from the resistive element to the PCB pads. --- ## 3. Common Applications These parts are critical in circuits where monitoring the "health" or "load" of a system is required: 1. **Battery Management Systems (BMS):** Measuring charge/discharge cycles in lithium-ion packs. 2. **DC-DC Converters:** Providing feedback loops for over-current protection. 3. **Motor Control:** Detecting stalls or load variations in brushless DC (BLDC) motors. 4. **Smartphones/Laptops:** Monitoring power consumption for CPU/GPU power rails. --- ## 4. Part Number Breakdown (Generic) While manufacturers have specific coding, the string `LTCEC-1303-R/Q` generally follows this logic: * **LTCEC:** Series designation (Low Temp-Coeff Electronic Component). * **1303:** Physical dimensions or resistance code (e.g., 13.0 mΩ). * **R:** Denotes "Resistor" or "Reel" packaging. * **Q:** Indicates Automotive Grade (AEC-Q200) testing. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between thick film and metal foil resistors in current sensing?
    • ⤷ How do I calculate the power dissipation for this resistor in a 5A circuit?
    • ⤷ What are the recommended PCB layout practices for low-resistance sensing?