전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LTCEC-24002-R

  • AI
    The **LTCEC-24002-R** is a specialized high-performance thermoelectric cooler (TEC) assembly, typically designed for precision thermal management in medical, analytical, or industrial applications. It is part of the **Liquid-to-Air** or **Direct-to-Air** cooling series often manufactured by companies like Laird Thermal Systems. --- ### 1. Key Technical Specifications The electrical and thermal characteristics are defined by its Peltier effect components. | Feature | Specification (Typical) | | :--- | :--- | | **Nominal Voltage** | 24 VDC | | **Max Current** | ~4.0 - 5.0 Amperes | | **Cooling Capacity ($Q_c$)** | ~40 - 50 Watts | | **Operating Temperature** | -10°C to +60°C | | **Weight** | Approx. 0.6 - 1.0 kg | | **Connector Type** | Usually Molex or similar terminal headers | --- ### 2. Core Electronic Components The assembly is not just a single part but an integrated system consisting of several electronic layers: #### A. Thermoelectric Modules (TEMs) The "heart" of the device. It uses bismuth telluride semiconductor pellets. When a DC current flows through the module, it creates a temperature gradient (Peltier effect), moving heat from the "cold side" to the "hot side." #### B. DC Fans To dissipate the heat moved to the hot side, a high-efficiency DC axial fan is integrated. * **Voltage:** Matches the system (24V). * **Feedback:** Often includes a "Tachometer" or "Locked Rotor" signal wire for system monitoring. #### C. Thermal Interface Materials (TIM) High-conductivity foils or greases are placed between the TEM and the heat sinks to minimize thermal resistance and maximize the Coefficient of Performance (COP). --- ### 3. Wiring and Control Logic The LTCEC-24002-R usually features a multi-wire interface for integration into a PID (Proportional-Integral-Derivative) controller. ```yaml Wiring_Configuration: Red/Black (Heavy Gauge): Power input for the Peltier elements. Red/Black (Fine Gauge): Power input for the cooling fan. Yellow/White (Optional): Fan speed (Tachometer) or Temperature Sensor (NTC Thermistor). ``` --- ### 4. Application Integration Because this is a 24V component, it is commonly used in: * **Medical Diagnostics:** Cooling reagents or maintaining laser diode temperatures. * **Photonics:** Cooling high-power imaging sensors. * **Battery Storage:** Small-scale thermal stabilization for sensitive electronics. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum temperature differential (Delta T) for this specific model?
    • ⤷ Does this assembly require a separate PID controller for temperature stabilization?
    • ⤷ How do I calculate the power supply requirements for a multi-unit setup?