LTCEC-25003-R
AI

## Overview of the LTCEC-25003-R
The **LTCEC-25003-R** is a specialized high-performance connector, typically categorized under **Edge Card Connectors** or **High-Speed Mezzanine** systems. These parts are designed to facilitate reliable electrical connections between a printed circuit board (PCB) and another module or daughtercard.
---
### Technical Specifications
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Card Edge / Interface Connector |
| **Pitch** | Typically 0.8mm or 1.0mm (standard for LTCEC series) |
| **Mounting Type** | Surface Mount (SMT) or Through-Hole (TH) |
| **Contact Material** | Copper Alloy with Gold Plating |
| **Housing Material** | High-Temperature Thermoplastic (LCP) |
| **Current Rating** | ~1.0A to 2.0A per contact (application dependent) |
---
### Key Electronic Components & Construction
The LTCEC-25003-R consists of several critical sub-elements that define its electronic performance:
1. **Contacts (Pins):**
* Constructed from high-conductivity alloys to minimize signal loss.
* **Gold Plating:** The "-R" suffix often indicates **RoHS compliance** and specific plating thickness (e.g., 30µ" Gold) to prevent oxidation and ensure low contact resistance over multiple mating cycles.
2. **Signal Integrity Shielding:**
* Designed for high-speed differential pairs. The internal geometry is optimized to maintain characteristic impedance (usually 85Ω or 100Ω) to reduce EMI and crosstalk.
3. **Insulator Body:**
* Made of Liquid Crystal Polymer (LCP), which allows the part to withstand high-temperature reflow soldering processes without warping.
4. **Mechanical Alignment Features:**
* Includes polarizing keys or alignment pegs to ensure the electronic pins align perfectly with the pads on the mating PCB.
---
### Typical Applications
These connectors are commonly found in high-bandwidth environments where space is at a premium:
* **Data Centers:** Server blade interfaces.
* **Networking:** High-speed routers and switches.
* **Storage:** SSD interface cards and controllers.
* **Industrial:** Modular PLC communication boards.
---
### Implementation Example (PCB Footprint)
When designing a PCB for this part, the landing pattern must be precise to ensure signal integrity.
```text
// Example PCB Layout Considerations
1. Keep-out zones: Ensure no vias are placed directly under the signal pins.
2. Trace Width: Match trace width to the connector pitch to maintain impedance.
3. Solder Paste: Use a stencil thickness of 0.12mm to 0.15mm for optimal joint strength.
```
---
- ⤷
What is the maximum data transfer rate supported by the LTCEC-25003-R?
- ⤷ Are there specific mating cards recommended for this connector?
- ⤷ What are the environmental storage requirements for the RoHS compliant version?