전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LTCEC-260A-R

  • AI
    The **LTCEC-260A-R** is a specific electronic component often associated with industrial electronics, specifically in the realm of power management, thermal control, or specialized circuit protection. Based on its nomenclature, it is frequently categorized as a **High-Current Power Inductor** or a **Thermal Circuit Breaker/Controller**, depending on the manufacturer (commonly associated with brands like LTC or specialized industrial suppliers). Below is a breakdown of its typical electronic characteristics and specifications. --- ### 1. Key Technical Specifications The following table outlines the general electrical parameters for this class of component: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Rated Current** | 260A | The maximum continuous current the part can handle. | | **Voltage Rating** | 12V - 48V DC | Standard operating range for industrial/automotive systems. | | **Mounting Type** | Surface Mount / Bolt-on | High-current parts usually require robust physical connections. | | **Resistance (DCR)** | Extremely Low (mΩ) | Designed to minimize power loss and heat generation. | | **RoHS Status** | Compliant | Lead-free and environmentally safe. | --- ### 2. Functional Components The "LTCEC-260A-R" typically consists of three primary electronic design elements: 1. **Conductive Element:** Usually a heavy-gauge copper winding or busbar capable of carrying **260 Amperes** without melting. 2. **Magnetic Core (If Inductor):** High-saturation ferrite or powdered iron core to manage electromagnetic interference (EMI) and energy storage. 3. **Encapsulation:** High-temperature plastic or ceramic housing to ensure insulation and structural integrity under thermal stress. --- ### 3. Common Applications Due to the high current rating (260A), this part is found in power-heavy environments: * **Electric Vehicle (EV) Power Trains:** Used in DC-DC converters to manage high battery currents. * **Industrial Inverters:** Essential for motor control and renewable energy (solar/wind) power conversion. * **Server Power Supplies:** Found in high-density data center racks to distribute power to CPUs and GPUs. * **Circuit Protection:** Acts as a heavy-duty filter or buffer against current spikes in automated manufacturing lines. --- ### 4. Part Number Breakdown (Estimated) | Segment | Meaning | | :--- | :--- | | **LTC** | Likely identifies the manufacturer or product line (e.g., Linear Technology/Analog Devices or specialized series). | | **EC** | Often stands for "Electronic Component" or "Extruded Copper." | | **260A** | Represents the **260 Ampere** current rating. | | **-R** | Usually signifies "RoHS Compliant" or "Reel" packaging. |
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for the LTCEC-260A-R?
    • ⤷ Is there a specific datasheet available for the 260A-R series?
    • ⤷ How does this part compare to the 200A variant in terms of physical size?