전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LTPE-41-R

  • AI
    ## Overview of the LTPE-41-R Thermal Printer Mechanism The **LTPE-41-R** is a high-performance thermal line printer mechanism manufactured by Seiko Instruments. It is commonly used in point-of-sale (POS) systems, medical devices, and handheld terminals due to its compact size and high speed. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Print Method** | Thermal Line Dot Printing | | **Number of Dots** | 576 dots/line | | **Resolution** | 8 dots/mm (203 dpi) | | **Paper Width** | 80 mm | | **Printing Speed** | Up to 150 mm/sec | | **Operating Voltage** | 24V DC (Head) / 5V DC (Logic) | --- ### 2. Main Electronic Components The LTPE-41-R consists of several critical electronic sub-assemblies that handle data processing and physical actuation: #### A. Thermal Print Head (TPH) The TPH is the core component. It consists of a row of resistors that heat up when an electrical current passes through them. * **Data Input:** Serial data is clocked into the shift registers within the head. * **Strobe Signals:** The head is divided into multiple blocks (strobes) to manage peak current consumption. You must activate these strobes to trigger the heating elements. * **Thermistor:** An integrated NTC thermistor monitors the temperature of the head to prevent overheating and adjust pulse width for consistent print quality. #### B. Stepper Motor To move the paper, the mechanism uses a bipolar stepper motor. * **Control:** Requires a dedicated motor driver IC (H-bridge). * **Precision:** Allows for precise line spacing and paper feed control. #### C. Sensors The mechanism includes sensors to provide feedback to the host controller: * **Paper-Out Sensor:** Typically a photo-interrupter that detects the presence of paper. * **Platen Release Sensor:** Detects if the rubber roller (platen) is open or closed. --- ### 3. Connection and Interface The device typically interfaces via a flexible flat cable (FFC). Below are the primary signal groups: 1. **Power Supply:** Separate lines for $V_p$ (24V for heating and motor) and $V_{cc}$ (5V for logic). 2. **Data Interface:** Includes `DI` (Data In), `CLK` (Clock), and `LAT` (Latch) signals to load printing data. 3. **Strobe Control:** `STB1` through `STBn` signals to control heating timing. 4. **Motor Phase:** Four lines (e.g., A, /A, B, /B) to drive the stepper motor. --- ### 4. Application Circuit Considerations To integrate the LTPE-41-R, the following electronic design choices are necessary: * **Peak Current Management:** The 24V rail must be able to handle high instantaneous current spikes (several Amperes) when many dots are fired simultaneously. Large electrolytic capacitors are required near the TPH power pins. * **Thermal Protection:** The firmware must read the Thermistor value and shut down the process if the temperature exceeds a safety threshold (usually around 65°C). * **Pulse Width Modulation:** The "burn time" (how long the strobe is active) must be calculated based on the voltage and the ambient temperature to avoid burning the paper or damaging the head.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the LTPE-41-R FFC connector?
    • ⤷ How do I calculate the strobe time based on the thermistor resistance?
    • ⤷ Which motor driver ICs are recommended for driving the LTPE-41-R stepper motor?