전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LTPE-41-R/T

  • AI
    The **LTPE-41-R/T** is a high-performance thermal printer mechanism developed by Seiko Instruments (SII). It belongs to the **LTP Series**, which is widely used in portable medical devices, handheld terminals, and POS systems due to its compact design and high-speed capabilities. --- ### ## Technical Specifications Overview The following table outlines the key electronic and mechanical specifications of the LTPE-41-R/T: | Parameter | Specification | | :--- | :--- | | **Printing Method** | Thermal Line Dot Printing | | **Total Number of Dots** | 384 dots/line | | **Resolution** | 8 dots/mm | | **Paper Width** | 58 mm | | **Printing Speed (Max)** | 90 mm/s (at 8.5V) | | **Operating Voltage** | 4.2V to 8.5V (Logic: 2.7V to 5.25V) | | **Head Temperature Detection** | Via Thermistor | | **Paper Detection** | Via Photo Interrupter | --- ### ### Key Electronic Components The LTPE-41-R/T operates through several critical internal electronic subsystems: 1. **Thermal Print Head (TPH):** * Consists of a linear array of heating elements (384 dots). * The head requires a precise strobe control to prevent overheating while ensuring dark, legible print. 2. **Stepper Motor:** * A bipolar stepper motor drives the platen roller. * The electronic controller must synchronize the motor steps with the data transmission to the print head to prevent image distortion. 3. **Sensors:** * **Thermistor:** Monitors the temperature of the print head. If the temperature exceeds safety limits, the controller must pause printing to protect the hardware. * **Paper-out Sensor:** An optical sensor that detects the presence or absence of thermal paper. 4. **Interface Connectivity:** * The mechanism typically connects via a Flat Flexible Cable (FFC). * Data is shifted into the print head using a synchronous serial interface (Clock, Data In, Latch, and Strobe signals). --- ### ### Typical Application Circuit Block To drive the LTPE-41-R/T, an external CPU/Controller is required. Below is a simplified representation of the signal flow: ```mermaid graph LR A[Microcontroller] -- SPI/Serial --> B[LTPE-41 TPH] A -- PWM/Steps --> C[Motor Driver IC] C --> D[Stepper Motor] E[Power Supply 5-8V] --> B E --> C B -- Analog Feedback --> A[Thermistor/Sensor] ``` ### ### Power Considerations * **Peak Current:** The printer can draw significant current (up to several Amperes) during dense printing. High-quality decoupling capacitors are required near the TPH power pins. * **Logic Voltage:** The logic circuit can operate at 3.3V, making it compatible with modern ARM Cortex and ESP32 microcontrollers. ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended motor driver ICs for the LTPE-41 series?
    • ⤷ How do I calculate the strobe time for different battery voltages?
    • ⤷ What is the pinout configuration for the FFC connector on this model?