전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LTPE-61-R/

  • AI
    The **LTPE-61-R** is a high-performance, compact thermal printer mechanism developed by Seiko Instruments (SII). It is widely used in portable medical devices, handheld terminals, and point-of-sale (POS) systems due to its low voltage requirements and high-speed capabilities. --- ### 1. Technical Specifications The following table highlights the core electronic and mechanical parameters of the LTPE-61-R: | Feature | Specification | | :--- | :--- | | **Printing Method** | Thermal Line Dot Printing | | **Number of Dots** | 384 dots/line | | **Resolution** | 8 dots/mm (203 dpi) | | **Paper Width** | 58 mm | | **Printing Speed** | Up to 100 mm/s (at 8.5V) | | **Operating Voltage** | 4.2V to 8.5V (Logic: 2.7V to 5.25V) | | **Head Resistance** | 176 Ω | --- ### 2. Key Electronic Components The mechanism consists of several critical electronic sub-assemblies that interface with a microcontroller (MCU): #### A. Thermal Print Head (TPH) The TPH contains a heating element array. When current passes through specific dots, it creates a chemical reaction on the thermal paper to produce an image. * **Protection:** It includes a **Thermistor** to monitor the head temperature. If the temperature exceeds a specific threshold, the controller must stop printing to prevent burnout. #### B. Stepper Motor The paper feed is driven by a bipolar stepper motor. * **Control:** It requires a motor driver IC (like an H-Bridge) to manage the excitation sequences. * **Precision:** It ensures the paper moves in sync with the TPH firing to prevent image distortion. #### C. Sensors The LTPE-61-R integrates two primary sensors for feedback: 1. **Paper-Out Sensor:** Usually a photo-interrupter that detects if paper is present. 2. **Platen Release Sensor:** Detects if the rubber roller (platen) is engaged or open. --- ### 3. Interface and Connectivity The device typically connects via a Flat Flexible Cable (FFC). The pinout generally includes: * **VCC/GND:** Logic power supply. * **VH:** High voltage supply for the thermal heaters. * **DI (Data In):** Serial data input for the dots. * **CLK:** Clock signal for data synchronization. * **LATCH:** Signal to transfer data from the shift register to the heat elements. * **STROBE (STB1-STB3):** Controls the timing and duration of the heating process. --- ### 4. Application Considerations When designing a PCB for the LTPE-61-R, engineers must account for: * **Peak Current:** Thermal printing requires high instantaneous current (often several Amps) when many dots are fired simultaneously. Large decoupling capacitors are necessary. * **Heat Dissipation:** While compact, the head can get hot during continuous high-speed printing. * **Logic Level:** Ensure the MCU logic (3.3V or 5V) matches the Logic Voltage specification of the specific sub-model.
    ✨ Follow-up Questions
    • ⤷ What are the recommended motor driver ICs for the LTPE-61-R?
    • ⤷ How do I calculate the strobe time to prevent burning the thermal paper?
    • ⤷ Can this printer be powered directly by a single-cell Li-ion battery?