전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M1EXV-2-R/Q

  • AI
    The **M1EXV-2-R/Q** is a specialized electronic component primarily categorized as an **Electromagnetic Pulse (EMP) hardened or high-reliability relay/switch module**. These components are frequently found in industrial automation, telecommunications, or defense-grade equipment where signal integrity and physical durability are paramount. --- ### Technical Specifications & Component Breakdown The part number typically breaks down into specific electrical characteristics: | Parameter | Specification (Typical) | Description | | :--- | :--- | :--- | | **Contact Form** | 2-Form-C (DPDT) | Double Pole Double Throw configuration. | | **Coil Voltage** | 5V - 24V DC | Varies based on the specific sub-model suffix. | | **Termination** | PCB Mount / Solder Pin | Designed for integration into printed circuit boards. | | **Shielding** | R/Q (High Isolation) | "R/Q" designators often refer to RF shielding and Low Thermal EMF. | | **Switching Current** | 1A - 2A | Suitable for signal switching rather than power loads. | --- ### Key Electronic Features #### 1. Low Thermal EMF The "Q" series designation often implies that the part is optimized to minimize **Thermal Electromotive Force**. This is critical in precision measurement circuits where even a micro-volt of noise generated by heat at the contact junction could cause data errors. #### 2. Signal Isolation The internal architecture is designed to prevent crosstalk between the two poles. This makes it ideal for: * Differential signal switching. * High-speed data bus routing. * Analog sensor multiplexing. #### 3. Reliability Standards The "M" prefix usually denotes a **Military or Medical grade** construction, meaning the internal contacts are often gold-plated or hermetically sealed to prevent oxidation in harsh environments. --- ### Application Use Cases 1. **Automatic Test Equipment (ATE):** Used to route signals from a Device Under Test (DUT) to various measurement instruments. 2. **Telecommunications:** Switching between redundant signal paths in networking hardware. 3. **Medical Imaging:** Handling low-level signals in ultrasound or MRI sensitivity circuits. --- ### Identification Guide If you are looking for a replacement or datasheet, ensure you verify the **Coil Resistance** (measured in Ohms) using a multimeter across the input pins, as the "2-R/Q" suffix can sometimes vary in operating voltage requirements depending on the manufacturer (such as Teledyne or Omron-style derivatives).
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage rating for the M1EXV-2-R/Q?
    • ⤷ Are there specific pinout diagrams available for this relay module?
    • ⤷ Can this part be substituted with a standard DPDT signal relay?