전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2115G-S08-R

  • AI
    The **M2115G-S08-R** is an integrated circuit, specifically a **Dual Operational Amplifier (Op-Amp)**. It is often manufactured by UTC (Unisonic Technologies Co., Ltd) and is designed for general-purpose applications requiring low noise and high performance. --- ## 1. Technical Specifications The following table highlights the primary electrical characteristics of the M2115G-S08-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | Dual Operational Amplifier | | **Package Type** | SOP-8 (Small Outline Package) | | **Supply Voltage Range** | ±3V to ±20V (or 6V to 40V single) | | **Operating Temperature** | -40°C to +85°C | | **Slew Rate** | 9 V/μs (Typical) | | **Bandwidth Product** | 15 MHz (Typical) | | **Packaging Style** | Tape & Reel (indicated by the "-R" suffix) | --- ## 2. Pin Configuration (SOP-8) Since this is a dual op-amp in an 8-pin package, the pinout typically follows the industry standard for dual amplifiers: 1. **Pin 1 (OUTPUT A):** Output of the first amplifier. 2. **Pin 2 (INPUT A-):** Inverting input of the first amplifier. 3. **Pin 3 (INPUT A+):** Non-inverting input of the first amplifier. 4. **Pin 4 (V-):** Negative power supply or Ground. 5. **Pin 5 (INPUT B+):** Non-inverting input of the second amplifier. 6. **Pin 6 (INPUT B-):** Inverting input of the second amplifier. 7. **Pin 7 (OUTPUT B):** Output of the second amplifier. 8. **Pin 8 (V+):** Positive power supply. --- ## 3. Key Features * **Low Noise:** Specifically engineered to minimize electronic noise, making it suitable for audio pre-amplifiers. * **High Gain Bandwidth:** With a 15 MHz bandwidth, it can handle higher frequency signals than basic op-amps like the LM358. * **Lead-Free (Halogen Free):** The "G" in the part number usually denotes "Green" or Halogen-free materials, complying with RoHS standards. * **Internal Frequency Compensation:** Simplifies circuit design as it does not require external capacitors for stability. --- ## 4. Typical Applications The M2115G-S08-R is commonly found in the following electronics: * **Audio Preamplifiers:** Due to its low noise floor. * **Active Filters:** Used in signal processing to remove unwanted frequencies. * **Industrial Controls:** Signal conditioning for sensors and transducers. * **Consumer Electronics:** Standard amplification in DVD players, speakers, and mixers. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the M2115G and the industry-standard NE5532?
    • ⤷ Can the M2115G-S08-R operate on a single 5V power supply?
    • ⤷ What does the '-R' suffix specifically indicate regarding the manufacturing process?