전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2136L-S08-R

  • AI
    The **M2136L-S08-R** is a specific integrated circuit (IC) part number, typically associated with a **Low Dropout (LDO) Linear Regulator** or a specific power management controller, often manufactured by companies like UTC (Unisonic Technologies). Below is the technical breakdown of this electronic component. --- ### 1. Part Number Breakdown Understanding the suffix and prefix of the part helps identify its physical and electrical characteristics: | Component Segment | Description | | :--- | :--- | | **M2136** | Base Part Number (Series) | | **L** | Lead-free / RoHS Compliant plating | | **S08** | Package Type: **SOP-8** (Small Outline Package, 8 pins) | | **R** | Packing Type: **Tape & Reel** | --- ### 2. General Technical Specifications While exact specifications can vary slightly by manufacturer, the M2136 series generally follows these parameters: * **Function:** Dual Linear Regulator or Power Controller. * **Input Voltage Range:** Typically 4.5V to 18V (model dependent). * **Output Current:** Often designed to drive external N-Channel MOSFETs for high-current applications. * **Pins:** 8-pin configuration. * **Protection Features:** * Thermal Shutdown (OTP) * Over Current Protection (OCP) * Short Circuit Protection --- ### 3. Pin Configuration (SOP-8) In a standard SOP-8 layout for this type of controller, the pinout typically includes: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **VCC** | IC Power Supply | | 2 | **FB** | Feedback pin for voltage regulation | | 3 | **EN** | Enable pin (High = On, Low = Off) | | 4 | **GND** | Ground | | 5-8 | **DRV/OUT** | Gate Drive or Output pins (depending on internal vs. external FET) | --- ### 4. Typical Applications The M2136L-S08-R is commonly found in consumer electronics where stable voltage conversion is required: 1. **Motherboards:** Regulation for chipset or memory power rails. 2. **LCD Monitors:** Powering the logic board. 3. **Network Hardware:** Used in routers and switches for 3.3V or 5V rail generation. 4. **Graphics Cards:** Localized power management. --- ### 5. Equivalent/Related Parts If this part is unavailable, engineers often look for: * **APW7080** (Often pin-compatible or functionally similar) * **RT9199** (For DDR termination applications) * **UTC M2135** (Lower spec version)
    ✨ Follow-up Questions
    • ⤷ What is the maximum output current supported by the M2136L-S08-R?
    • ⤷ Can you provide a wiring diagram for a 5V to 3.3V conversion using this IC?
    • ⤷ What are the thermal operating limits for the SOP-8 package version?