전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M22-LED230-R

  • AI
    The **M22-LED230-R** is a specific electronic component within the **RMQ-Titan M22 series** manufactured by Eaton (formerly Moeller). It is a high-efficiency LED element designed to provide visual status indication for industrial control panels. --- ### 1. Technical Specifications The following table summarizes the primary electronic and physical characteristics: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Eaton (Moeller) | | **Part Number** | M22-LED230-R | | **Light Type** | LED (Light Emitting Diode) | | **Color** | Red | | **Rated Operating Voltage ($U_e$)** | 85 - 264 V AC (50/60 Hz) | | **Rated Operational Current ($I_e$)** | 5 - 15 mA | | **Power Consumption** | ~0.33 W | | **Lifespan** | 100,000 hours at 25°C | | **Connection Type** | Screw Terminals | --- ### 2. Electronic Component Breakdown The device is not just a simple diode; it contains integrated circuitry to handle industrial power environments: * **Integrated Rectifier/Driver:** Since the input is AC (up to 264V) and LEDs operate on DC, the internal housing contains a miniature rectification and current-limiting circuit. * **Overvoltage Protection:** It is designed to handle transient voltage spikes common in industrial power grids. * **Power Efficiency:** Unlike traditional incandescent bulbs (which waste energy as heat), this LED draws extremely low current (max 15mA), reducing the load on control transformers. --- ### 3. Usage & Compatibility The **M22-LED230-R** is a "back-of-panel" component. It must be paired with other parts of the M22 modular system to function: 1. **Actuator:** A red indicator lens or an illuminated pushbutton head (e.g., M22-L-R). 2. **Fixing Adapter:** A mounting clamp (e.g., M22-A) that holds the LED element and the actuator together. 3. **Wiring:** Standard 18-14 AWG wires are typically used via the screw terminals. --- ### 4. Circuit Diagram Representation In an electrical schematic, the M22-LED230-R is represented as an illuminated signaling device: ```text L1 (230V AC) | |----[ ]----( X1 ) <-- M22-LED230-R (Red) | Switch ( X2 ) | | |-------------| N ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the M22-LED230-R and the M22-FLED-R?
    • ⤷ Can this LED element be used with a DC power supply?
    • ⤷ How do you mount this LED element to a DIN rail?