전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M24512-R

  • AI
    ## M24512-R Electronic Overview The **M24512-R** is a 512-Kbit (64 KB) serial EEPROM (Electrically Erasable Programmable Read-Only Memory) device. It is designed to operate over a wide voltage range and is commonly used for parameter storage, configuration data, and small-scale logging in embedded systems. --- ### 1. Key Technical Specifications The "R" suffix specifically denotes a device capable of operating at a low voltage range, typically **1.8V to 5.5V**. | Feature | Specification | | :--- | :--- | | **Memory Density** | 512 Kbit (64,512 bytes) | | **Interface** | I²C (Inter-Integrated Circuit) | | **Clock Frequency** | 400 kHz (Fast Mode) / 1 MHz (Fast Mode Plus) | | **Operating Voltage** | 1.8V to 5.5V | | **Page Size** | 128 Bytes | | **Endurance** | 4 Million Write Cycles | | **Data Retention** | 200 Years | | **Temperature Range** | -40°C to +85°C | --- ### 2. Pin Configuration and Functions The M24512-R is usually available in 8-pin packages like SO8, TSSOP8, or UFDFPN8. | Pin | Name | Type | Description | | :--- | :--- | :--- | :--- | | **1, 2, 3** | E0, E1, E2 | Input | **Chip Enable:** Used to define the I²C device address. Up to 8 devices can be on the same bus. | | **4** | VSS | Power | **Ground.** | | **5** | SDA | I/O | **Serial Data:** Bi-directional pin for data transfer. | | **6** | SCL | Input | **Serial Clock:** Provides the synchronization signal. | | **7** | WC | Input | **Write Control:** Hardware protection. If tied to VCC, write operations are disabled. | | **8** | VCC | Power | **Supply Voltage.** | --- ### 3. Core Functional Blocks * **Memory Array:** Organized as 512 blocks of 128 bytes each. * **I²C Control Logic:** Handles the start/stop conditions, device addressing, and acknowledgment bits. * **Write Latches:** Temporary storage for the 128-byte page write operations. * **Voltage Regulator/Charge Pump:** Internal circuitry that generates the high voltage required to erase and program the EEPROM cells from the low-voltage supply. --- ### 4. Implementation Example When connecting the M24512-R to a microcontroller, pull-up resistors are required on the SDA and SCL lines. ```cpp // Example I2C Addressing for M24512-R // Binary Format: 1 0 1 0 E2 E1 E0 R/W #define M24512_ADDR 0x50 // Base address if E0, E1, E2 are grounded void writeEEPROM(uint16_t address, uint8_t data) { Wire.beginTransmission(M24512_ADDR); Wire.write((int)(address >> 8)); // MSB of memory address Wire.write((int)(address & 0xFF)); // LSB of memory address Wire.write(data); Wire.endTransmission(); delay(5); // Internal write cycle time (tW) } ``` --- ### 5. Key Advantages 1. **High Endurance:** Supports up to 4 million cycles, making it suitable for frequently updated logs. 2. **Hardware Write Protection:** The **WC** pin provides a physical way to protect data from accidental corruption. 3. **Low Power:** Ideal for battery-powered applications due to its 1.8V minimum operating voltage.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the M24512-R and the M24512-W variants?
    • ⤷ How do I calculate the total number of M24512-R chips I can put on a single I2C bus?
    • ⤷ What is the maximum internal write cycle time (tW) for this device?