AI

## M24C01-RDS6T: Technical Overview
The **M24C01-RDS6T** is a specific variant of the M24C01 series manufactured by **STMicroelectronics**. It is a 1-Kbit serial I²C (Inter-Integrated Circuit) EEPROM (Electrically Erasable Programmable Memory).
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 1 Kbit (128 x 8 bits) |
| **Interface** | I²C Serial (2-wire) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | Up to 400 kHz (Fast Mode) |
| **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) |
| **Temperature Range** | -40°C to +85°C (Industrial Grade) |
| **Write Cycles** | More than 4 million cycles |
| **Data Retention** | Over 200 years |
---
### 2. Detailed Part Number Breakdown
The suffix **RDS6T** provides specific details about the component's packaging and thermal characteristics:
* **M24C01**: Base part number (1 Kbit I²C EEPROM).
* **R**: Operating voltage range (1.8V to 5.5V).
* **D**: Device revision or specific process technology.
* **S**: Package type (TSSOP8, 169 mil width).
* **6**: Temperature range (-40°C to +85°C).
* **T**: Tape and Reel packaging (used for automated assembly).
---
### 3. Pin Configuration (TSSOP8)
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1, 2, 3 | E0, E1, E2 | Chip Enable inputs (used to address multiple devices on the same bus). |
| 4 | VSS | Ground. |
| 5 | SDA | Serial Data (bidirectional). |
| 6 | SCL | Serial Clock. |
| 7 | WC | Write Control (Hardware protection). |
| 8 | VCC | Supply Voltage. |
---
### 4. Functional Features
* **Byte and Page Write**: Supports writing a single byte or a page of up to 16 bytes.
* **Hardware Write Protection**: The **WC** pin can be tied to $V_{CC}$ to protect the entire memory contents from being overwritten.
* **Low Power Consumption**: Designed for battery-operated devices with low active and standby currents.
* **I²C Protocol**: Operates as a slave device on the bus, requiring a start condition, device address, memory address, and data.
---
### 5. Common Applications
* **Parameter Storage**: Storing calibration data, user preferences, or configuration settings.
* **Identification**: Storing serial numbers or MAC addresses.
* **Consumer Electronics**: Used in TVs, remote controls, and medical devices.
- ⤷
What is the maximum I2C bus speed supported by the M24C01-RDS6T?
- ⤷ How does the Write Control (WC) pin function in this EEPROM?
- ⤷ Can multiple M24C01 chips be connected to the same I2C bus?