전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M24C02-R

  • AI
    ## Overview of the M24C02-R The **M24C02-R** is a 2-Kbit (256 x 8 bits) serial I²C EEPROM (Electrically Erasable Programmable Memory) manufactured by STMicroelectronics. It is designed for low-voltage applications, commonly used for parameter storage, configuration data, and identification. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 2 Kbit (256 bytes) | | **Interface** | I²C (Inter-Integrated Circuit) | | **Operating Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) / 100 kHz (Standard) | | **Write Cycles** | More than 4 million cycles | | **Data Retention** | More than 200 years | | **Operating Temperature** | -40°C to +85°C | --- ### Pin Configuration The device is typically available in SO8, TSSOP8, or UFDFPN8 packages. Below is the standard pinout description: 1. **E0, E1, E2 (Address Inputs):** Used to set the hardware chip address. This allows up to 8 identical devices to be connected to the same I²C bus. 2. **Vss:** Ground. 3. **SDA (Serial Data):** Bi-directional pin used to transfer data in and out of the device. 4. **SCL (Serial Clock):** Used to synchronize data movements. 5. **WC (Write Control):** A hardware protection pin. If connected to Vcc, write operations are inhibited. If connected to Vss, write operations are enabled. 6. **Vcc:** Power supply. --- ### Key Internal Components ### 1. Memory Array The core is a 256-byte non-volatile array. It is organized into pages (typically 16 bytes per page), allowing for "Page Write" operations which are faster than writing byte-by-byte. ### 2. I²C Interface Logic This block handles the communication protocol, including: * **Start/Stop Bit Detection:** Recognizing when a master device initiates or ends communication. * **Acknowledge (ACK/NACK):** Signaling the receipt of data. * **Device Addressing:** Comparing the incoming address with the states of pins E0-E2. ### 3. High Voltage Generator Since EEPROMs require higher voltages to "tunnel" electrons into the floating gate of the transistors, the chip includes an internal charge pump. This allows it to perform write operations while powered by only 1.8V. ### 4. Write Protection Logic The **WC** pin acts as a physical gate. When high, it prevents the internal high-voltage generator from activating, protecting the stored data from accidental corruption. --- ### Typical Implementation (Example) To connect an M24C02-R to a microcontroller, pull-up resistors (typically 4.7kΩ to 10kΩ) are required on the SDA and SCL lines. ```cpp // Pseudo-code for writing to M24C02-R Wire.beginTransmission(0x50); // Standard 7-bit address Wire.write(0x00); // Memory Address to write to Wire.write(0x41); // Data byte ('A') Wire.endTransmission(); ```
    ✨ Follow-up Questions
    • ⤷ How does the 'Page Write' function differ from 'Byte Write' in this chip?
    • ⤷ What is the specific purpose of the '-R' suffix in the part number?
    • ⤷ Can you explain how to calculate the 7-bit I2C address using the E0-E2 pins?