AI

## Technical Overview of M24C02-RDS3TP/G
The **M24C02-RDS3TP/G** is a specific variant of the 2-Kbit serial I²C Bus EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is designed for low-power and low-voltage applications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 2 Kbit (256 bytes) |
| **Interface** | I²C (Two-wire Serial) |
| **Supply Voltage (Vcc)** | 1.8V to 5.5V |
| **Clock Frequency** | 400 kHz (Fast Mode) / 100 kHz (Standard) |
| **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) |
| **Temperature Range** | -40°C to +125°C (Grade 3) |
| **Endurance** | 4 million write cycles |
| **Data Retention** | 200 years |
---
### 2. Pin Configuration (TSSOP8)
The device features 8 pins, structured as follows:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1, 2, 3 | E0, E1, E2 | Chip Enable inputs (used to set the device address). |
| 4 | Vss | Ground. |
| 5 | SDA | Serial Data (bi-directional). |
| 6 | SCL | Serial Clock. |
| 7 | WC | Write Control (Hardware Write Protection). |
| 8 | Vcc | Supply Voltage. |
---
### 3. Core Functional Electronic Features
#### A. I²C Serial Interface
The device operates as a **Slave** on the I²C bus. It uses a 7-bit device addressing scheme. With three Chip Enable pins (E0, E1, E2), up to eight M24C02 devices can be connected to the same I²C bus.
#### B. Memory Organization
The 2048 bits are organized as **256 words of 8 bits each**. It supports both **Byte Write** and **Page Write** (up to 16 bytes at a time), which improves efficiency during large data transfers.
#### C. Hardware Write Protection (WC Pin)
* If **WC** is high (connected to Vcc), the entire memory is write-protected.
* If **WC** is low (connected to Vss), the memory can be modified.
#### D. Enhanced Reliability
The "/G" suffix in the part number usually refers to a specific manufacturing process or an ECOPACK® grade, ensuring the part is **Halogen-free and RoHS compliant**. The high endurance (4M cycles) makes it suitable for frequently updated parameters.
---
### 4. Part Number Breakdown
* **M24**: I²C Serial Access EEPROM.
* **C02**: 2 Kbit density.
* **-R**: 1.8V to 5.5V operating voltage range.
* **DS**: TSSOP8 package (169 mil width).
* **3**: Temperature Range -40 to +125 °C.
* **TP**: Tape and Reel packaging.
* **G**: Lead-free and Halogen-free (ECOPACK2).
- ⤷
How do I calculate the I2C slave address using pins E0
- ⤷ E1
- ⤷ and E2?
- ⤷ What is the maximum write cycle time (tW) for this EEPROM?
- ⤷ Can this chip be used in automotive applications given its temperature grade?