M24C02-RDS6T
AI

## Overview of M24C02-RDS6T
The **M24C02-RDS6T** is a 2-Kbit (256 x 8-bit) serial Electrically Erasable Programmable Read-Only Memory (EEPROM) manufactured by **STMicroelectronics**. It is widely used for non-volatile parameter storage in low-power consumer and industrial electronics.
### Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 2 Kbit (256 bytes) |
| **Interface** | I²C Serial (2-wire) |
| **Clock Frequency** | 400 kHz (Fast Mode) |
| **Supply Voltage ($V_{CC}$)** | 1.8V to 5.5V |
| **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) |
| **Operating Temperature** | -40°C to +85°C |
| **Write Endurance** | 4 million cycles |
| **Data Retention** | 200 years |
---
### Pin Configuration and Functions
The device is housed in a small 8-pin TSSOP package. Below is the pinout description:
1. **E0, E1, E2 (Inputs):** Chip Enable inputs used to define the device's I²C address. This allows up to 8 similar devices to be connected to the same bus.
2. **VSS (Ground):** The 0V reference point.
3. **SDA (I/O):** Serial Data. This is a bidirectional pin used to transfer addresses and data into and out of the device.
4. **SCL (Input):** Serial Clock. Used to synchronize all data transfers.
5. **WC (Input):** Write Control. When connected to $V_{CC}$, write operations are inhibited (hardware write protection). When connected to $V_{SS}$, the entire memory is writable.
6. **VCC (Power):** Supply voltage.
---
### Core Functional Features
* **Byte and Page Write:** The chip supports writing a single byte or a page of up to 16 bytes. Page writes are significantly faster than writing 16 individual bytes.
* **Random and Sequential Read:** Data can be read from a specific address or sequentially by incrementing the internal address counter automatically.
* **Low Power Consumption:**
* Active Read Current: 1 mA (max)
* Standby Current: 1 µA (max)
* **Schmitt Trigger Inputs:** Used for noise filtering on the SCL and SDA lines to ensure stable communication in noisy environments.
---
### Typical Application Circuit
To interface the M24C02-RDS6T with a microcontroller (MCU), the following hardware considerations are necessary:
```cpp
// Schematic Logic Connection
MCU (SDA) <------> M24C02 (SDA) [With 4.7k Pull-up Resistor]
MCU (SCL) -------> M24C02 (SCL) [With 4.7k Pull-up Resistor]
MCU (GPIO) ------> M24C02 (WC) [Optional: Control Write Protect]
```
1. **Pull-up Resistors:** Since I²C is open-drain, resistors (typically 4.7kΩ or 10kΩ) are required on the SDA and SCL lines.
2. **Decoupling Capacitor:** A 0.1µF ceramic capacitor should be placed close to the $V_{CC}$ pin to filter high-frequency noise.
- ⤷
What are the main differences between the M24C02 and the M24C04 versions?
- ⤷ How do I calculate the I2C device address using the E0
- ⤷ E1
- ⤷ and E2 pins?
- ⤷ Can this EEPROM be used in automotive applications
- ⤷ or is there a specific variant?