전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M24C02-RMB3T/W

  • AI
    ## Technical Overview: M24C02-RMB3T/W The **M24C02-RMB3T/W** is a specific variant of the M24C02 series produced by **STMicroelectronics**. It is a 2-Kbit serial I²C bus EEPROM (Electrically Erasable Programmable Memory). --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 2 Kbits (256 x 8 bits) | | **Interface** | I²C Serial (Two-Wire) | | **Operating Voltage ($V_{CC}$)** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) / 1 MHz (Fast Mode Plus) | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Operating Temperature** | -40°C to +125°C (Automotive/Industrial grade) | | **Retention / Endurance** | 40 years / 4 million write cycles | --- ### 2. Breakdown of the Part Number Understanding the suffix is critical for hardware integration: * **M24C02**: Base part number (2 Kbit I²C EEPROM). * **-R**: Indicates the operating voltage range (1.8V to 5.5V). * **MB**: Refers to the **UFDFPN8** (MLP8) package (2x3 mm). * **3**: Temperature range (-40°C to +125°C). * **T**: Tape & Reel packaging. * **W**: Indicates the process technology (generally relating to the specific die version or "High Reliability" process). --- ### 3. Pin Configuration (UFDFPN8) The device typically follows the standard I²C EEPROM pinout: | Pin | Name | Description | | :--- | :--- | :--- | | 1, 2, 3 | E0, E1, E2 | Chip Enable (Address) inputs to allow up to 8 devices on one bus. | | 4 | $V_{SS}$ | Ground. | | 5 | SDA | Serial Data (Bi-directional). | | 6 | SCL | Serial Clock (Input). | | 7 | WC | Write Control. If tied High, write operations are disabled. | | 8 | $V_{CC}$ | Power Supply. | --- ### 4. Implementation Hardware Tips ```c // Pseudo-code for addressing the M24C02 #define DEV_ADDR 0xA0 // Standard 7-bit address 1010 + E2 E1 E0 void write_byte(uint8_t mem_addr, uint8_t data) { I2C_Start(); I2C_Send(DEV_ADDR | WRITE_BIT); I2C_Send(mem_addr); I2C_Send(data); I2C_Stop(); // A delay of ~5ms is required for the internal write cycle to complete. } ``` * **Write Protection:** Connect the **WC** (Write Control) pin to $V_{CC}$ if you want to protect the data from accidental overwriting. Connect to GND for normal read/write operations. * **Pull-up Resistors:** As an I²C device, both **SDA** and **SCL** lines require external pull-up resistors (typically 4.7k$\Omega$ to 10k$\Omega$). * **Decoupling:** Place a 0.1$\mu$F ceramic capacitor between $V_{CC}$ and $V_{SS}$ as close to the chip as possible to filter power noise. ---
    ✨ Follow-up Questions
    • ⤷What are the specific soldering requirements for the UFDFPN8 package?
    • ⤷ How does the 'WC' pin function differently from a standard software write-protect?
    • ⤷ What is the maximum current consumption during an active write cycle for this chip?