전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M24C02-RMB3TP

  • AI
    ## Analysis of the M24C02-RMB3TP The **M24C02-RMB3TP** is a 2-Kbit serial I²C (Inter-Integrated Circuit) EEPROM manufactured by **STMicroelectronics**. It is widely used for parameter storage in electronics due to its low power consumption and small physical footprint. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 2 Kbit (256 bytes) | | **Interface** | I²C Serial (2-wire) | | **Supply Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode), 1 MHz (Fast Mode Plus) | | **Write Cycle Time** | 5 ms (Max) | | **Data Retention** | 40 Years | | **Endurance** | 4 Million Write Cycles | | **Operating Temp** | -40°C to +125°C | --- ### 2. Functional Description The device is organized as $256 \times 8$ bits. It communicates using a standard I²C protocol consisting of a Serial Data (SDA) line and a Serial Clock (SCL) line. #### Main Features: * **Byte and Page Write:** Supports writing a single byte or a page of up to 16 bytes. * **Random and Sequential Read:** Allows reading from any address or streaming data sequentially. * **Hardware Write Protection:** The **WC (Write Control)** pin allows the user to protect the entire memory contents from being overwritten when connected to $V_{CC}$. * **Schmitt Triggers:** Inputs are filtered for noise suppression. --- ### 3. Pinout and Package Details (UFDFPN8) The "MB" in the part number indicates a **UFDFPN8** (Ultra Thin Fine Pitch Dual Flat No-lead) package, which is extremely compact (approx. 2x3 mm). | Pin Name | Function | Description | | :--- | :--- | :--- | | **E0, E1, E2** | Chip Enable | Used to set the hardware address (allows up to 8 devices on one bus). | | **SDA** | Serial Data | Bidirectional pin for data transfer. | | **SCL** | Serial Clock | Input for clock synchronization. | | **WC** | Write Control | Write protect input (High = Protected, Low = Writable). | | **Vcc / Vss** | Power | Supply voltage and Ground. | --- ### 4. Part Number Breakdown Understanding the suffix codes for this specific component: * **M24C02**: Base Series (I2C EEPROM, 2 Kbit). * **-R**: Operating voltage range (1.8V to 5.5V). * **MB**: UFDFPN8 Package. * **3**: High reliability / Automotive grade (Grade 3: -40 to 125°C). * **TP**: Tape and Reel packaging. --- ### 5. Implementation Example (Pseudo-code) To write data to the M24C02 via an MCU: ```c // Example: Writing 0xAA to address 0x10 I2C_Start(); I2C_Write_Address(0xA0); // Device Select Code + Write Bit I2C_Write_Byte(0x10); // Memory Address I2C_Write_Byte(0xAA); // Data I2C_Stop(); // Wait 5ms for internal write cycle to complete ```
    ✨ Follow-up Questions
    • ⤷What is the difference between M24C02-R and M24C02-W?
    • ⤷ How do the E0
    • ⤷ E1
    • ⤷ and E2 pins affect the I2C slave address?
    • ⤷ What are the common use cases for 2-Kbit EEPROMs in consumer electronics?