전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M24C04-RBN3TP

  • AI
    ## Overview of the M24C04-RBN3TP The **M24C04-RBN3TP** is a 4-Kbit serial I²C (Inter-Integrated Circuit) EEPROM (Electrically Erasable Programmable Memory) manufactured by **STMicroelectronics**. It is widely used for non-volatile data storage in consumer electronics, industrial controls, and medical devices. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics: | Parameter | Specification | | :--- | :--- | | **Memory Size** | 4 Kbit (512 x 8 bits) | | **Interface** | I²C Serial (2-wire) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) | | **Package Type** | PSSOP8 (TSSOP8) | | **Operating Temperature** | -40°C to +125°C | | **Write Cycles** | More than 4 million cycles | | **Data Retention** | More than 200 years | --- ### 2. Functional Components and Pinout The device typically comes in an 8-pin package. Each pin serves a specific electronic function: * **E1, E2 (Chip Enable):** These pins are used to set the hardware address of the device. This allows multiple EEPROMs to reside on the same I²C bus. * **SDA (Serial Data):** The bidirectional pin used to transfer addresses and data into and out of the device. * **SCL (Serial Clock):** The input pin used to synchronize all data transfers. * **WC (Write Control):** A hardware protection pin. If connected to $V_{CC}$, write operations are inhibited (read-only mode). If connected to $V_{SS}$, write operations are enabled. * **Vcc / Vss:** Power supply and Ground pins. --- ### 3. Electronic Features #### I²C Protocol Support The device acts as a **slave** on the I²C bus. It supports byte and page write modes. A "Page Write" allows up to 16 bytes to be written in a single internal write cycle, which significantly improves throughput. #### Low Power Consumption Designed for battery-operated devices, it features: * **Active Read Current:** < 1 mA * **Standby Current:** < 1 µA (at 1.8V) #### Data Protection The **M24C04-RBN3TP** includes specific circuitry to prevent data corruption: 1. **Write Control (WC) Pin:** Hardware-based write protection. 2. **Power-On Reset (POR):** Ensures the device does not respond to commands until the voltage reaches a stable operating level. 3. **Noise Filtering:** Internal schmitt triggers on SCL and SDA inputs to filter out spikes. --- ### 4. Application Use Cases Because of its small footprint and reliability, this part is commonly found in: * **Parameter Storage:** Storing calibration data or user settings. * **Device Identification:** Storing MAC addresses or serial numbers. * **Module Tracking:** Used in SFP modules or camera modules to store version info. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the M24C04 and the M24C08 models?
    • ⤷ How do I connect the WC pin if I want to allow constant writing?
    • ⤷ What is the maximum I2C bus speed supported by this specific RBN3TP variant?