전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M24C04-RMB3TG

  • AI
    ## Electronic Overview: M24C04-RMB3TG The **M24C04-RMB3TG** is a 4-Kbit serial I²C bus EEPROM (Electrically Erasable Programmable Memory) manufactured by STMicroelectronics. It is designed for low-power, low-voltage applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 4 Kbit (512 x 8 bits) | | **Interface** | I²C (Serial 2-Wire) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode), 1 MHz (Fast Mode Plus) | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Temperature Range** | -40°C to +125°C | | **Endurance** | 4 million write cycles | | **Data Retention** | 200 years | --- ### 2. Detailed Part Breakdown #### Memory Organization The 4-Kbit memory is organized as **512 bytes of 8 bits each**. Because the I²C protocol uses 8-bit addressing and this chip requires 9 bits to address 512 bytes, the device uses a "page" addressing system where one bit of the Device Select code acts as the most significant bit (MSB) of the address. #### Package & Mounting (RMB3TG) * **RMB**: Refers to the **UFDFPN8** package. This is a very small, leadless package (2x3 mm) ideal for space-constrained designs like smartphones or wearables. * **3**: Indicates the device is qualified for **Automotive Grade 0** or specialized industrial ranges (depending on specific datasheet revisions, usually high reliability). * **TG**: Indicates **Tape & Reel** packaging for automated SMT assembly. #### Write Protection The device features a hardware **Write Control (WC)** pin. * If **WC** is high (Vcc), the entire memory is write-protected. * If **WC** is low (GND), the memory can be written to. --- ### 3. Pin Configuration (UFDFPN8) | Pin Number | Name | Function | | :--- | :--- | :--- | | 1, 2, 3 | E0, E1, E2 | Chip Enable (Address inputs) | | 4 | Vss | Ground | | 5 | SDA | Serial Data (Bi-directional) | | 6 | SCL | Serial Clock (Input) | | 7 | WC | Write Control | | 8 | Vcc | Supply Voltage | --- ### 4. Typical Applications * **Consumer Electronics**: Storing configuration settings in cameras or tablets. * **Medical Devices**: Storing calibration data and user profiles. * **Industrial**: Parameter storage for sensors and small controllers. * **Automotive**: Storing non-critical system logs or ID information.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the I2C device address for the M24C04-RMB3TG?
    • ⤷ What is the maximum power consumption of this EEPROM during a write cycle?
    • ⤷ Can this chip be used at 3.3V and 5V logic levels simultaneously?