전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M24C08-RBN5TP/S

  • AI
    ## Technical Overview: M24C08-RBN5TP/S The **M24C08-RBN5TP/S** is a specific variant of the M24C08 family, which is an 8-Kbit I²C-compatible Electrically Erasable Programmable Read-Only Memory (EEPROM). It is widely used for parameter storage in consumer electronics and industrial applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 8 Kbit (1024 x 8 bits) | | **Interface** | I²C (Two-Wire Serial) | | **Operating Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode), 1 MHz (Fast Mode Plus) | | **Package Type** | PDIP8 (Plastic Dual In-line Package) | | **Operating Temperature** | -40°C to +85°C | | **Write Cycles** | More than 4 million cycles | | **Data Retention** | More than 200 years | --- ### 2. Functional Components The internal architecture consists of several critical electronic blocks: * **Memory Array:** Organized as 64 pages of 16 bytes each. * **Control Logic:** Manages the I²C protocol (Start/Stop conditions, Acknowledge bits). * **Address Register:** Decodes the incoming address to select the specific byte or page. * **High Voltage Generator:** An internal charge pump creates the necessary voltage to program the EEPROM cells, meaning no external high-voltage source is required. * **Write Protection (WC):** A hardware pin that, when tied high, prevents write operations to the memory, ensuring data integrity. --- ### 3. Pin Configuration (PDIP8) | Pin Number | Name | Description | | :---: | :--- | :--- | | 1-3 | E0, E1, E2 | Chip Enable (Address) Inputs | | 4 | Vss | Ground | | 5 | SDA | Serial Data (Bi-directional) | | 6 | SCL | Serial Clock (Input) | | 7 | WC | Write Control (Active High) | | 8 | Vcc | Supply Voltage | --- ### 4. Part Number Breakdown Understanding the suffix is crucial for sourcing: * **M24C08:** Device family (8 Kbit I²C EEPROM). * **-R:** Operating voltage range (1.8V to 5.5V). * **BN:** Package type (PDIP8). * **5:** Temperature range (-40 to +85°C). * **TP/S:** Specific packing and manufacturing process (Tape & Reel/Standard). --- ### 5. Implementation Example The M24C08 communicates via a Master-Slave relationship. Below is a conceptual representation of how to interface with it using a microcontroller: ```c // Example: Pseudo-code for writing a byte to M24C08 void writeEEPROM(uint8_t deviceAddr, uint8_t memAddr, uint8_t data) { I2C_Start(); I2C_SendByte(deviceAddr << 1); // Send Device Address + Write Bit I2C_WaitAck(); I2C_SendByte(memAddr); // Send internal Memory Address I2C_WaitAck(); I2C_SendByte(data); // Send Data to be stored I2C_WaitAck(); I2C_Stop(); Delay(5); // Wait for internal Write Cycle (tW) } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum write cycle time (tW) for the M24C08-RBN5TP/S?
    • ⤷ How does the 'WC' pin function specifically to prevent data corruption?
    • ⤷ Can this EEPROM be used in an automotive environment according to its temperature rating?