M24C08-RDS3T
AI

## Technical Overview: M24C08-RDS3T
The **M24C08-RDS3T** is a specific variant of the 8-Kbit serial I2C Bus EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is widely used for non-volatile parameter storage in consumer electronics and industrial applications.
---
### 1. Key Technical Specifications
The part number suffix **RDS3T** provides specific details regarding packaging and temperature range.
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 8 Kbit (1024 x 8 bits) |
| **Interface** | I²C (Two-wire Serial) |
| **Clock Frequency** | 400 kHz (Fast Mode) / 1 MHz (Fast Mode Plus) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) |
| **Temperature Range** | -40°C to +125°C (Automotive Grade 3) |
| **Packing** | Tape & Reel ("T" suffix) |
---
### 2. Internal Architecture and Pinout
The device is organized as 4 blocks of 256 bytes (4 x 256 x 8 bits).
#### Pin Configuration (TSSOP8)
1. **E0, E1, E2:** Chip Enable inputs (Used to set the device address).
2. **VSS:** Ground.
3. **SDA:** Serial Data (Bidirectional).
4. **SCL:** Serial Clock.
5. **WC:** Write Control (Hardware protection).
6. **VCC:** Supply Voltage.
---
### 3. Core Functional Electronic Features
#### A. Write Protection (WC Pin)
The **WC (Write Control)** pin is a hardware safety feature:
* If **WC is High (Vcc)**, the top half or the entire memory (depending on configuration) is write-protected.
* If **WC is Low (Vss)**, the write operations are enabled.
#### B. Page Write Buffer
The device features a **16-byte page write** mode. This allows the controller to send up to 16 bytes of data in a single write cycle, significantly improving programming speed compared to byte-by-byte writing.
#### C. Data Retention and Endurance
* **Endurance:** More than 4 million write cycles.
* **Data Retention:** Over 200 years (at room temperature).
---
### 4. Part Number Breakdown: M24C08-RDS3T
| Code | Meaning |
| :--- | :--- |
| **M24** | I²C Serial Access EEPROM |
| **C08** | 8 Kbit Capacity |
| **-R** | 1.8V to 5.5V Operating Voltage |
| **D** | High Reliability / Process Tech |
| **S** | TSSOP8 Package |
| **3** | Temperature Range: -40 to +125 °C |
| **T** | Tape & Reel Packaging |
---
### 5. Common Applications
* **Consumer Electronics:** Storing user settings in TVs or monitors.
* **Automotive:** Calibration data and error logging (due to the -40 to 125°C range).
* **Medical:** Device ID and usage statistics.
* **Communication:** Storing configuration profiles in routers and switches.
---
- ⤷
What is the difference between the M24C08 and the M24C16 in terms of I2C addressing?
- ⤷ How do you connect the Write Control (WC) pin if write protection is not required?
- ⤷ Can this EEPROM be used with a 3.3V microcontroller?