AI

The **M24C16-R** is a 16-Kbit I2C-compatible Serial EEPROM (Electrically Erasable Programmable Memory). It is manufactured by STMicroelectronics and is widely used for parameter storage in consumer electronics, industrial applications, and medical devices.
---
### 1. Key Technical Specifications
The "R" suffix specifically denotes a device operating in the **1.8V to 5.5V** range, making it ideal for low-power battery-operated systems.
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 16 Kbit (2048 x 8 bits) |
| **Interface** | I2C (Two-wire Serial) |
| **Clock Frequency** | 400 kHz (Fast Mode) / 100 kHz (Standard) |
| **Supply Voltage (Vcc)** | 1.8V to 5.5V |
| **Write Cycle Time** | 5 ms (Max) |
| **Endurance** | 4 million write cycles |
| **Data Retention** | 200 years |
| **Operating Temp** | -40°C to +85°C |
---
### 2. Pin Configuration and Functions
The device is typically available in small packages like SO8, TSSOP8, or UFDFPN8.
| Pin | Name | Description |
| :--- | :--- | :--- |
| **1, 2, 3** | E0, E1, E2 | **Not Connected / Chip Enable.** In the 16Kb version, these pins are often "Don't care" because the memory uses the entire addressing space for its internal blocks. |
| **4** | Vss | Ground (0V). |
| **5** | SDA | **Serial Data.** Bidirectional pin used to transfer data in/out. |
| **6** | SCL | **Serial Clock.** Provides the synchronization for data transfer. |
| **7** | WC | **Write Control.** Hardware write protection. If tied to Vcc, the memory is write-protected. |
| **8** | Vcc | Supply Voltage. |
---
### 3. Functional Features
* **Byte and Page Write:** Supports writing a single byte or a page of up to 16 bytes. Page writing is significantly faster for large data blocks.
* **Random and Sequential Read:** Data can be read from any address or sequentially from the current address until a "Stop" condition is sent.
* **Write Protection (WC Pin):** When the WC pin is driven High, the entire memory contents become read-only, protecting against accidental data corruption.
* **Schmitt Trigger Inputs:** Used on the SCL and SDA lines to filter out noise, ensuring stable communication.
---
### 4. Typical Application Circuit
To integrate the M24C16-R into a microcontroller system:
1. **Pull-up Resistors:** Since the I2C bus uses open-drain architecture, you must add pull-up resistors (typically 4.7kΩ to 10kΩ) to the **SDA** and **SCL** lines.
2. **Decoupling Capacitor:** A 100nF ceramic capacitor should be placed between Vcc and Vss as close to the chip as possible to filter power supply noise.
3. **Address Logic:** In the 16Kbit model, the device address is fixed as `1010xxx`. The last three bits of the device code are used as the most significant bits of the memory array address.
---
- ⤷
How does the addressing work for a 16-Kbit EEPROM compared to smaller 2-Kbit models?
- ⤷ What is the difference between the M24C16-R and the M24C16-W variants?
- ⤷ How do I implement the Write Control (WC) pin in a low-power circuit?