전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M24M01-RMW6TP/A

  • AI
    ## M24M01-RMW6TP/A: Electronic Component Analysis The **M24M01-RMW6TP/A** is a high-density, high-performance **EEPROM** (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It belongs to the I²C-compatible serial memory family. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 1 Mbit (128 Kbytes × 8 bits) | | **Interface** | I²C Serial (Two-Wire) | | **Clock Frequency** | 1 MHz (Fast-mode Plus), 400 kHz, 100 kHz | | **Operating Voltage** | 1.8V to 5.5V | | **Package Type** | SO8N (8-lead Small Outline, 150 mils width) | | **Page Size** | 256 Bytes | | **Write Cycle Time** | 5 ms (Maximum) | | **Endurance** | 4 Million Write Cycles | | **Data Retention** | 200 Years | --- ### 2. Functional Description The M24M01-RMW6TP/A functions as a non-volatile storage device designed for parameter storage, user data, and configuration settings in various electronic systems. #### Pin Configuration (SO8N) 1. **E2 (Chip Enable):** Used to define the device address (allows multiple devices on the same bus). 2. **VSS:** Ground. 3. **SDA:** Serial Data (Bi-directional). 4. **SCL:** Serial Clock (Input). 5. **WC (Write Control):** Hardware write protection. If connected to $V_{CC}$, write operations are inhibited. 6. **VCC:** Power Supply. --- ### 3. Key Features * **Byte and Page Write:** Supports writing a single byte or a full page of 256 bytes simultaneously, which optimizes data throughput. * **Schmitt Trigger Inputs:** Ensures high noise immunity on the SCL and SDA lines, crucial for industrial environments. * **Low Power Consumption:** * Active Read Current: < 2 mA. * Standby Current: < 5 µA (at 5.5V). * **Random and Sequential Read:** Allows the host to read data from a specific address or stream data sequentially from the current address. --- ### 4. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **M24** | I²C Serial EEPROM family | | **M01** | 1 Megabit Density | | **-R** | Operating Voltage: 1.8V to 5.5V | | **MW** | Package: SO8N (150 mil width) | | **6** | Temperature Range: -40°C to +85°C | | **TP** | Packing: Tape & Reel | | **/A** | Automotive or Advanced Process Version | --- ### 5. Common Applications * **Consumer Electronics:** Storing user preferences in Smart TVs and appliances. * **Medical Devices:** Calibration data and patient logs. * **Industrial:** Configuration parameters for PLC (Programmable Logic Controllers). * **Networking:** Storing MAC addresses and firmware patches.
    ✨ Follow-up Questions
    • ⤷ How does the 'WC' pin function as hardware write protection?
    • ⤷ What are the advantages of 1MHz Fast-mode Plus over standard I2C?
    • ⤷ Can this EEPROM be used in automotive safety applications?