AI

The **M28S-X-T92-K** refers to a specific configuration of a high-precision, industrial-grade **hall-effect magnetic sensor** or **magnetic position encoder**. These components are frequently used in automation, robotics, and motor control systems for non-contact sensing.
---
### 1. Technical Specifications Table
| Feature | Description |
| :--- | :--- |
| **Sensing Technology** | Hall Effect (Non-contact) |
| **Package Type** | T92 (Typical TO-92 style or custom industrial housing) |
| **Output Type** | Analog (Ratiometric) or Digital (depending on specific IC) |
| **Supply Voltage** | Usually 5V DC (standard for TTL logic) |
| **Operating Temp** | -40°C to +125°C (Automotive/Industrial grade) |
| **Rotation Angle** | Often used for 360° position detection |
---
### 2. Breakdown of the Model Code
While specific manufacturer prefixes can vary slightly, the nomenclature generally breaks down as follows:
* **M28S**: This identifies the series, typically signifying a **Magnetic Sensor** with a specific sensitivity range (28 often refers to the magnetic field strength or resolution bits).
* **X**: Usually denotes the output characteristic (e.g., Cross-axis sensitivity or specific linear output).
* **T92**: Refers to the physical packaging. The **TO-92** is a common three-pin transistor-style package used for small sensors.
* **K**: Usually signifies the **Accuracy Grade** or **Temperature Coefficient** (K often stands for ±10% tolerance or a specific thermal stability rating).
---
### 3. Key Electronic Components & Working Principle
The device is an integrated circuit (IC) that contains several sub-blocks:
1. **Hall Element:** The primary transducer that converts magnetic flux into a micro-voltage.
2. **Amplifier:** Since the raw Hall voltage is very small (millivolts), an internal operational amplifier boosts the signal.
3. **Temperature Compensation:** Internal resistors adjust the circuit behavior to ensure the output doesn't drift when the environment gets hot.
4. **Schmitt Trigger (Digital models only):** If the part is a switch, this component provides clean "On/Off" transitions to prevent signal chatter.
---
### 4. Implementation (Basic Wiring)
In a typical circuit, the pins are defined as follows:
```cpp
// Typical Pinout for T92 Magnetic Sensors
Pin 1: VCC (Supply Voltage, e.g., +5V)
Pin 2: GND (Ground)
Pin 3: V-OUT (Signal Output to Microcontroller/ADC)
```
---
### 5. Common Applications
* **Brushless DC (BLDC) Motors:** Used to detect the position of the rotor to time the phase switching.
* **Throttle Position Sensing:** Used in automotive pedals to detect position without mechanical wear.
* **Flow Meters:** Detecting the rotation of a magnetized turbine.
* **Security:** Non-contact door or window closure sensors.
- ⤷
What is the difference between an analog and digital output for this sensor?
- ⤷ How do I calculate the magnetic sensitivity for the M28S series?
- ⤷ What are the mounting requirements for the T92 package in high-vibration environments?