M2AC-A10-R/CE
AI

The **M2AC-A10-R/CE** is a high-performance **M-Unit series Signal Conditioner** (specifically a transducer) manufactured by **M-System** (now MG CO., LTD.). It is designed to convert an AC current input into a standard DC output signal, typically for industrial monitoring and control systems.
---
### ## Technical Specifications & Components
The model number breakdown reveals the specific electronic configuration of the device:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Model Series** | M2AC | AC Current Transducer (Average sensing) |
| **Input (A)** | 0 – 1 A AC | Designed for CT (Current Transformer) secondary circuits |
| **Output (10)** | 0 – 10 V DC | High-impedance voltage output |
| **Power Input (R)** | 24V DC | Standard industrial control power |
| **Certification (CE)** | CE Marking | Complies with European safety and EMC standards |
---
### ## Key Electronic Parts & Functionality
The internal circuitry consists of several functional blocks that process the electrical signal:
1. **Input Isolation Transformer:**
The device features a transformer-isolated input. This protects the internal electronics from high-voltage spikes on the AC line and provides galvanic isolation between the input and the output/power supply.
2. **Rectification & Average Sensing Circuit:**
The "Average Sensing" design uses a precision bridge rectifier and a filter circuit to determine the mean value of the AC wave, which is then scaled to the RMS value (assuming a pure sine wave).
3. **Signal Conditioning Op-Amps:**
High-precision operational amplifiers scale the rectified signal to the required 0-10V range. These components ensure linearity and temperature stability.
4. **Zero and Span Adjustments:**
Located on the front panel, these are multi-turn potentiometers that allow the user to fine-tune the output (e.g., ensuring 0V output at 0A input).
5. **DC-to-DC Converter:**
Because the unit is powered by 24V DC, it contains an internal switching regulator to provide stable, isolated voltages to the internal analog circuitry.
---
### ## Application Context
This part is commonly used in **Motor Control Centers (MCC)** or **Power Distribution Boards**. It acts as the bridge between a high-current AC line (via a Current Transformer) and a **PLC (Programmable Logic Controller)** or **SCADA system** that only accepts low-voltage DC signals.
---
- ⤷
What is the difference between average sensing and true RMS sensing in this model series?
- ⤷ How should the wiring be configured for a 5A AC input instead of 1A?
- ⤷ What is the response time of the M2AC-A10-R/CE signal conditioner?