전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AC-A22-R/C

  • AI
    The **M2AC-A22-R/C** belongs to a specific category of industrial automation components, typically associated with **limit switches** or **position sensors** used in heavy-duty machinery. Below is a detailed breakdown of its electronic and mechanical parts. --- ### 1. Component Overview This device is an electromechanical switch designed to convert physical motion into an electrical control signal. It is commonly used for safety interlocking, object detection, and end-of-travel sensing. ### 2. Electronic & Technical Specifications | Parameter | Specification | | :--- | :--- | | **Contact Configuration** | 1NO (Normally Open) + 1NC (Normally Closed) | | **Switching Type** | Snap Action (Rapid transition regardless of actuator speed) | | **Rated Voltage** | 250V AC / 125V DC (Typical) | | **Rated Current** | 10A (Thermal Current) | | **Insulation Resistance** | 100 MΩ min. (at 500 VDC) | | **Dielectric Strength** | 2,500 VAC, 50/60 Hz for 1 minute | --- ### 3. Key Internal Parts #### A. The Contact Block This is the "heart" of the electronics. It consists of: * **Stationary Contacts:** Fixed terminals where the external wiring is connected. * **Movable Bridge:** A conductive element that shifts position to complete or break the circuit. * **Silver Alloy Tips:** Contacts are often coated in silver to minimize electrical resistance and prevent oxidation over time. #### B. Actuator Mechanism (The "R/C" Suffix) The suffix often denotes the specific physical interface: * **Roller Lever:** A wheel attached to a lever arm. When an object passes over it, the mechanical force is transferred to the internal plunger. * **Return Spring:** A high-tension spring that forces the contacts back to their "Rest" state once the external force is removed. #### C. Housing and Terminals * **Body:** Usually made of die-cast aluminum or reinforced plastic to provide an IP67 (waterproof/dustproof) rating. * **Conduit Entry:** A threaded hole (often M20 or PG13.5) for protective cable gland installation. * **Screw Terminals:** Internal clamp screws used to secure the copper wiring. --- ### 4. Logic of Operation 1. **Mechanical Input:** A machine part hits the **Roller**. 2. **Internal Transfer:** The lever pushes an internal **Plunger**. 3. **Snap Action:** Once the "trip point" is reached, a spring snaps the **1NC** contact to "Open" and the **1NO** contact to "Closed" simultaneously. 4. **Signal Output:** The PLC or Controller receives the change in state and stops the motor or triggers an alarm.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Snap Action and Slow Action in this model?
    • ⤷ How do I wire the M2AC-A22 for a safety emergency stop?
    • ⤷ What is the NEMA or IP rating for this specific housing?