전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AC-A2Z-R2/CE

  • AI
    The **M2AC-A2Z-R2/CE** is a specific model within a series of industrial solid-state components, typically associated with **Solid State Relays (SSRs)** or high-power switching modules used in automation. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This device is designed for switching AC loads using semiconductor technology rather than mechanical contacts, which ensures a longer operational life and faster response times. | Feature | Specification | | :--- | :--- | | **Component Type** | AC Solid State Relay (SSR) / Power Module | | **Control Voltage** | Typically 90-280V AC (Standard for AC-input models) | | **Load Voltage** | 24 - 480V AC (Varies by specific sub-rating) | | **Current Rating** | Usually rated for 25A to 40A (depending on heat sinking) | | **Switching Type** | Zero-Cross Switching (Reduces EMI/RFI) | | **Certification** | CE Marked (Complies with EU safety/environmental standards) | --- ### 2. Key Electronic Parts & Design The internal circuitry consists of several critical stages that allow for safe and efficient power management: #### A. Input Stage (Control) * **Opto-Isolator:** The core of the input side. It provides electrical isolation (typically up to 4000V) between the low-power control signal and the high-power load. * **LED Indicator:** Most R2/CE models include a built-in LED to provide a visual status of the input trigger. #### B. The Trigger Circuit (Zero-Cross) * **Zero-Crossing Detector:** This electronic sub-circuit ensures the relay only turns on when the AC sine wave is at the zero-voltage point. This minimizes current surges and electrical noise. #### C. Output Stage (Power Switching) * **Back-to-Back Thyristors (SCRs):** Unlike cheaper models that use Triacs, industrial R2/CE units often use dual SCRs. These are more robust for inductive loads (like motors or large solenoids) and handle heat dissipation better. * **RC Snubber Network:** An internal Resistor-Capacitor circuit that protects the thyristors from high "dV/dt" (voltage spikes) that could cause accidental triggering or damage. --- ### 3. Safety and Physical Features * **Touch-Safe Cover:** The "/CE" designation usually implies the inclusion of a clear plastic cover over the screw terminals to prevent accidental contact. * **Aluminum Baseplate:** The bottom is a high-conductivity metal plate designed to be bolted to a heatsink. Thermal paste is required for high-current applications. --- ### 4. Typical Wiring Diagram (Conceptual) ```mermaid graph LR A[Control Input L1] --> B[Internal Opto-Isolator] B --> C[Zero-Cross Logic] C --> D[SCR Power Switch] E[Load AC Power] --> D D --> F[Output to Motor/Heater] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M2AC-A2Z-R2/CE without an external heatsink?
    • ⤷ How does zero-cross switching differ from random-fire switching in this model?
    • ⤷ What are the common failure modes for this type of solid state relay?