AI

The **M2AC-A30-R/Q** is a high-performance, industrial-grade inductive proximity sensor manufactured by **Contrinex**. It belongs to the "Full Inox" (Full Stainless Steel) family, known for extreme durability in harsh environments.
---
### 1. Technical Specifications
The following table summarizes the core electronic and mechanical parameters of the M2AC-A30-R/Q:
| Feature | Specification |
| :--- | :--- |
| **Housing Size** | M12 (12mm Diameter) |
| **Sensing Distance ($S_n$)** | 3.0 mm |
| **Output Type** | PNP (Normally Open) |
| **Connection Type** | M12 4-pin Connector |
| **Operating Voltage** | 10 ... 30 VDC |
| **Switching Frequency** | ≤ 2,500 Hz |
| **Housing Material** | Stainless steel V2A / AISI 303 |
| **Enclosure Rating** | IP68 / IP69K |
---
### 2. Electronic Component Breakdown
The internal electronics of this sensor are designed to handle industrial noise and physical stress:
* **ASIC Technology:** It utilizes a custom Application-Specific Integrated Circuit (ASIC) that ensures high precision, temperature stability, and repeatability.
* **Protection Circuits:**
* **Short-circuit Protection:** Protects the internal components if the output is accidentally grounded.
* **Reverse Polarity Protection:** Prevents damage if the power supply wires are connected backwards.
* **Inductive Protection:** Absorbs voltage spikes caused by switching inductive loads.
* **Full Inox Construction:** Unlike standard sensors with plastic faces, the electronic coil is encased behind a solid piece of stainless steel. It uses the **Factor 1** principle, allowing it to detect both ferrous (iron) and non-ferrous (aluminum, copper) metals at the same distance.
---
### 3. Wiring Diagram (M12 Connector)
The device typically follows the standard industrial color coding for 4-pin M12 connectors:
```text
Pin 1: Brown (+) -> 10 to 30 VDC
Pin 2: White -> Not Connected (usually)
Pin 3: Blue (-) -> 0V (Ground)
Pin 4: Black (OUT) -> PNP Output Signal
```
---
### 4. Key Applications
Due to its **IP69K** rating and stainless steel body, the M2AC-A30-R/Q is electronically and mechanically suited for:
1. **Food & Beverage:** Resistant to high-pressure washdowns and chemicals.
2. **Machine Tools:** Resistant to metal chips, oils, and coolants.
3. **Marine/Offshore:** High resistance to saltwater corrosion.
- ⤷
What is the difference between NPN and PNP outputs in proximity sensors?
- ⤷ How does the 'Full Inox' technology affect the sensing range of non-ferrous metals?
- ⤷ Can this sensor be used in high-temperature environments above 70°C?