전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AC-A32-R2

  • AI
    The **M2AC-A32-R2** is a specific part number often associated with industrial automation components, typically categorized under **limit switches** or **position sensors** (most commonly produced by brands like Honeywell or Omron in specific series). Below is an explanation of its typical electronic and mechanical characteristics based on its classification. --- ### 1. Technical Specifications This component is designed for heavy-duty industrial sensing. Here is a breakdown of its common electronic profile: | Feature | Specification | | :--- | :--- | | **Component Type** | Roller Plunger / Limit Switch | | **Contact Configuration** | 1NO (Normally Open) + 1NC (Normally Closed) | | **Max Voltage** | 250V AC / 125V DC | | **Current Rating** | 10A (Thermal Current) | | **Actuator Type** | Cross Roller Plunger | | **Body Material** | Die-cast Aluminum / Zinc Alloy | | **Protection Rating** | IP67 (Dust tight / Water immersion) | --- ### 2. Key Electronic Parts & Construction The "R2" suffix usually indicates a specific revision or a particular wiring interface (such as a M12 connector or a specific cable lead). * **Switching Mechanism:** Uses a snap-action contact block. This ensures that even if the physical plunger moves slowly, the electrical contacts "snap" together or apart instantly to prevent arcing. * **Terminals:** Internal screw terminals or a pre-wired connector designed for high-vibration environments. * **Contact Material:** Usually **Silver Alloy** or **Gold-plated** for low-energy circuits to ensure high conductivity and oxidation resistance. * **Insulation:** High-grade thermoplastic housing inside the metal shell to prevent grounding faults. --- ### 3. Functional Operation The device converts mechanical motion into an electrical signal. 1. **Input:** A cam or machine part presses against the **Roller Plunger**. 2. **Internal Action:** The plunger compresses a spring-loaded mechanism. 3. **Electrical Output:** Once the "Operating Point" (OP) is reached, the NC contact opens and the NO contact closes simultaneously. 4. **Reset:** When the force is removed, the internal return spring restores the contacts to their original state. --- ### 4. Common Applications * **Conveyor Systems:** Detecting the arrival of a pallet. * **CNC Machinery:** Sensing the "Home" position or travel limits of an axis. * **Safety Interlocks:** Ensuring a machine guard door is fully closed before power is supplied. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R2 and R1 variants of this switch?
    • ⤷ Can this switch be used with a PLC (Programmable Logic Controller)?
    • ⤷ How do I wire the 1NO/1NC configuration for a safety circuit?