전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AC-A52-R2/CE

  • AI
    The **M2AC-A52-R2/CE** is a specific part number typically associated with high-precision industrial components, most commonly identified as a **high-resolution optical encoder** or a **magnetic rotary sensor system** often used in AC servo motors or CNC machinery. Below is the technical breakdown of its electronic characteristics and functional composition. --- ## 1. General Specifications The part is engineered for motion control applications where feedback regarding speed and position is critical. | Parameter | Typical Value / Description | | :--- | :--- | | **Type** | Absolute or Incremental Rotary Encoder | | **Power Supply** | Usually DC 5V (standard for TTL/RS422) | | **Interface** | Serial Communication (e.g., BiSS, SSI, or Proprietary) | | **Pulse Rate** | High resolution (often 17-bit to 20-bit) | | **Compliance** | CE (European Conformity) | --- ## 2. Core Electronic Components The internal circuitry of the M2AC-A52-R2/CE consists of several key stages: ### A. Sensing Element (Optical/Magnetic) * **Photo-detector Array:** If optical, it uses a high-speed photodiode array to capture light passing through a coded disk. * **LED Driver:** A constant current circuit to ensure the light source remains stable regardless of temperature fluctuations. ### B. Signal Processing (ASIC/FPGA) * **Interpolation Chip:** Converts raw analog sine/cosine signals from the sensors into high-resolution digital data. * **Error Correction:** On-board logic to compensate for signal jitter or physical misalignment. ### C. Communication Interface * **Differential Line Driver:** Uses RS422 or similar differential signaling to ensure high noise immunity over long cable lengths. * **EEPROM:** Stores calibration data, serial numbers, and offset parameters. --- ## 3. Wiring and Pinout Characteristics Standard industrial encoders of this series typically utilize a high-density connector. The electronic signals are grouped as follows: 1. **Power Pins:** `VCC` (+5V) and `GND` (0V). 2. **Data Lines:** `Data+` and `Data-` (Differential pair for position data). 3. **Clock Lines:** `Clock+` and `Clock-` (For synchronous serial communication). 4. **Shield:** Connected to the metal housing to prevent EMI/RFI interference. --- ## 4. Key Application Areas * **Servo Motors:** Provides feedback for AC brushless motors. * **Robotic Arms:** Determines the precise angle of joints. * **Medical Equipment:** Used in high-precision imaging tables or surgical robots. --- ## 5. Precautions for Electronic Integration * **Voltage Sensitivity:** Ensure a stabilized 5V DC supply; overvoltage can permanently damage the internal ASIC. * **Noise Management:** Always use shielded twisted-pair (STP) cabling to maintain signal integrity in environments with high electromagnetic noise (near VFDs or large motors). * **Electrostatic Discharge (ESD):** The internal CMOS components are sensitive to static; handle with grounded wrist straps during installation.
    ✨ Follow-up Questions
    • ⤷ Is this part compatible with standard Fanuc or Yaskawa servo drives?
    • ⤷ What are the specific mounting dimensions for the R2 housing variant?
    • ⤷ How do I troubleshoot a 'Data Communication Error' with this encoder?