전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AC-A71-R/CE

  • AI
    The **M2AC-A71-R/CE** is a high-performance, signal-conditioned plug-in transducer/transmitter module, typically manufactured by **M-System**. It is designed to convert an AC current input into a standard DC output signal, providing galvanic isolation and signal normalization for industrial control systems. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Model Series** | M2 Series (Plug-in Signal Conditioners) | | **Input Type** | AC Current (0 – 1 A AC) | | **Output Type** | DC Current (4 – 20 mA DC) | | **Power Input** | 24V DC | | **Accuracy** | ±0.3% of span | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Isolation** | Input to Output to Power to Ground | | **Standard/Compliance** | CE Marking | --- ### 2. Functional Electronic Components The device consists of several critical electronic stages to ensure signal integrity: 1. **Input Transformer/Shunt:** The AC current enters an internal sensing circuit. Since this is an "A71" variant, it is calibrated specifically for a **0–1A AC range**. It utilizes a CT (Current Transformer) or a precision shunt to step down the current for processing. 2. **Rectification & Filtering Circuit:** The AC signal is converted to a DC representation. High-quality capacitors and diodes are used to ensure the ripple is minimized, providing a "True RMS" or "Mean Value" representation of the input. 3. **Galvanic Isolation (Opto-couplers/Transformers):** One of the most important parts of this module is the 2000V AC isolation. This protects the PLC/DCS on the output side from high-voltage surges or ground loops occurring on the input side. 4. **Signal Conditioning & Scaling:** Operational amplifiers (Op-Amps) scale the rectified signal to the specific **4–20mA** output range. Potentiometers (Zero and Span) on the front panel allow for manual fine-tuning. 5. **Output Driver:** A robust transistor stage drives the 4–20mA current loop, ensuring it can handle specific load resistances (usually up to 550 $\Omega$). --- ### 3. Connection and Installation The module uses a **base socket** system, which allows the electronic body to be replaced without disconnecting the wiring. * **Input Terminals:** Connected to the AC current source (e.g., a secondary winding of a large CT). * **Output Terminals:** Connected to the Analog Input card of a Controller. * **Power Terminals:** Requires a stable 24V DC supply. --- ### 4. Application Use Case This part is commonly used in **Motor Control Centers (MCC)** or **Power Distribution Panels** to monitor the current draw of a motor. By converting the 1A AC signal to a 4-20mA DC signal, a PLC can monitor motor health, detect overloads, or track energy consumption.
    ✨ Follow-up Questions
    • ⤷ What is the maximum allowable load resistance for the 4-20mA output?
    • ⤷ Does this model support True RMS conversion for distorted AC waveforms?
    • ⤷ How do I perform the Zero and Span calibration on this specific module?