전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AC-AA1-R2/CE

  • AI
    The **M2AC-AA1-R2/CE** is a high-performance **M-System** signal conditioner (transducer) designed to convert AC voltage into a standard DC output signal. This device is widely used in industrial automation for monitoring power lines and equipment health. --- ### 1. Key Technical Specifications | Feature | Specification | |:---|:---| | **Model Series** | M2 Series (Plug-in type) | | **Input Signal** | 0 – 110V AC (Standard range for AA1) | | **Output Signal** | 4 – 20mA DC | | **Power Supply** | 100 – 240V AC | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Accuracy** | ±0.3% of span | | **Isolation** | Input to output to power to ground | | **Safety Standards** | CE marking compliant | --- ### 2. Internal Electronic Components & Operation The device functions through a series of specialized electronic stages: 1. **Input Isolation & Transformation:** The AC input voltage is first stepped down and isolated from the main circuitry using a precision potential transformer (PT). This ensures safety and prevents ground loops. 2. **Rectification and Filtering:** Since the device is a "Mean Value" sensing unit, it uses a full-wave bridge rectifier circuit. It converts the AC waveform into a pulsating DC signal, which is then smoothed by a capacitor-based filter. 3. **Signal Conditioning (OP-Amps):** Precision Operational Amplifiers (Op-Amps) scale the rectified voltage. This stage is where the "Zero" and "Span" adjustments (located on the front panel) interface with the circuit to calibrate the output. 4. **V/I Conversion (Output Stage):** The final stage uses a voltage-to-current converter circuit (utilizing transistors/ICs) to ensure a stable 4-20mA current loop, regardless of the load resistance (up to 750Ω). 5. **Switching Power Supply:** The "R2" designation indicates a wide-range AC power input. Internally, a high-frequency switching regulator converts the mains power into stable DC rails (+/- 15V or 5V) to power the internal logic. --- ### 3. Physical Interface & Installation * **Housing:** Compact, plug-in socket structure for easy maintenance without disconnecting wires. * **Front Panel:** * **PWR LED:** Indicates power status. * **Zero Adjustment:** Fine-tunes the 4mA point. * **Span Adjustment:** Fine-tunes the 20mA point. * **Mounting:** DIN rail or Wall mounting. --- ### 4. Part Number Breakdown | Segment | Meaning | |:---|:---| | **M2AC** | AC Voltage Transmitter | | **AA1** | Input: 0-110V AC / Output: 4-20mA DC | | **R2** | Power: 100-240V AC | | **CE** | European Conformity (Safety/EMC compliance) |
    ✨ Follow-up Questions
    • ⤷ What is the maximum allowable load resistance for the 4-20mA output?
    • ⤷ Can this model measure true RMS values
    • ⤷ or is it mean value sensing only?
    • ⤷ How do I perform a field calibration using the Zero and Span potentiometers?