전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AC-AA4-R2/Q

  • AI
    The **M2AC-AA4-R2/Q** is a high-precision, plug-in signal conditioner (transducer) manufactured by **M-System**. It is designed to convert an alternating current (AC) input into a standard direct current (DC) output signal. Below is a detailed breakdown of its electronic components, specifications, and architecture. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Model Series** | M2 Series (Mini-M) | | **Input Signal (AA4)** | 0 – 1 A AC | | **Output Signal (R2)** | 4 – 20 mA DC (Load resistance max. 550 $\Omega$) | | **Power Input (Q)** | 100 – 240 V AC | | **Accuracy** | ±0.3% | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Isolation** | 3-way isolation (Input to Output to Power) | --- ### 2. Functional Block Diagram Analysis The device operates through four primary electronic stages: #### A. Input Section (AC Sensing) This part of the circuit contains a precision current transformer or a shunt resistor coupled with an isolation barrier. It accepts the **0–1A AC** signal. Because this is an "Average Sensing" model, it rectifies the AC wave and filters it to find the mean value, which is then calibrated to the RMS equivalent for a sine wave. #### B. Signal Conditioning & Conversion * **Rectification:** Converts the AC input into a pulsating DC signal. * **Filtering:** Smooths the signal to remove ripple. * **Amplification:** Operational amplifiers (Op-Amps) scale the low-level signal to the desired range. #### C. Isolation Barrier One of the most critical electronic features is the **2000V AC isolation**. This is typically achieved using: * **Optical Isolators:** To pass the signal across the barrier without physical contact. * **Transformer Isolation:** Used for the power supply section to prevent ground loops and protect downstream PLC/DCS equipment. #### D. Output Section The output stage consists of a constant current circuit that maintains a **4–20mA** loop. It is designed to be "load independent" up to 550 ohms, meaning the electronics adjust the voltage to ensure the current remains accurate despite wire resistance. --- ### 3. Physical & Installation Features * **Plug-in Base:** The electronics are housed in a module that plugs into a pre-wired base, allowing for "Hot Swapping" (replacement without disconnecting wires). * **Adjustments:** The front panel typically features **Zero** and **Span** trim potentiometers (multi-turn) for fine-tuning the calibration. * **LED Indicator:** A power LED indicates the internal DC power supply status. --- ### 4. Part Number Breakdown | Segment | Meaning | |:---:|:---| | **M2AC** | AC Current Transmitter (Average sensing) | | **AA4** | Input: 0 – 1 A AC | | **R2** | Output: 4 – 20 mA DC | | **Q** | Power: 100 – 240 V AC | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between average sensing and true RMS sensing in this model series?
    • ⤷ How do I calibrate the Zero and Span settings for the M2AC?
    • ⤷ Can this unit be used with a frequency range outside of 50/60Hz?