전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AC-AA4W-R2/Q

  • AI
    The **M2AC-AA4W-R2/Q** is a high-performance, signal conditioning component, typically part of the M2 Series by **M-System**. This specific model is a **Potentiometer Transmitter** designed to convert resistance changes from a potentiometer into standard analog signals. --- ### 1. Model Code Breakdown Understanding the specific electronics involves deciphering the suffix codes: | Code | Component Specification | Description | |:---|:---|:---| | **M2AC** | Base Model | Potentiometer Transmitter (Plug-in) | | **AA4W** | Input/Output Type | Typically signifies specific I/O ranges (e.g., 4-20mA or 0-10V) | | **R2** | Power Input | **100 – 240V AC** (Universal Wide-range power supply) | | **Q** | Option Code | **Quality Support** (Standardly indicates specialized testing or certifications) | --- ### 2. Key Electronic Specifications The internal circuitry is designed for industrial-grade isolation and precision. * **Input Circuit:** Designed to interface with a 3-wire potentiometer (0 – 100 $\Omega$ up to 0 – 10 k$\Omega$). * **Isolation:** 2000V AC isolation between Input, Output, Power, and Ground. * **Response Time:** Typically $\leq$ 0.5 seconds (0 to 90%). * **Burnout Protection:** Includes upscale or downscale protection if the potentiometer wire breaks. --- ### 3. Electronic Architecture The device consists of three primary internal stages: 1. **Input Conditioning:** A constant voltage is applied across the potentiometer. The wiper voltage is then sensed and converted into a normalized internal signal. 2. **Galvanic Isolation:** Uses optical or magnetic coupling to ensure the input field signals are electrically separated from the output PLC/DCS system. This prevents ground loops. 3. **Output Driver:** Converts the isolated signal into a stable analog current (e.g., 4-20mA) or voltage (e.g., 1-5V DC) for the control system. --- ### 4. Technical Summary Table | Feature | Specification | |:---|:---| | **Supply Voltage** | 85 – 264V AC | | **Accuracy** | $\pm$0.1% of span | | **Temp. Coefficient** | $\pm$0.015% per °C | | **Housing Material** | Flame-resistant resin (Black) | | **Mounting** | Surface or DIN rail (via socket) | ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for the 3-wire potentiometer input?
    • ⤷ How do I calibrate the zero and span adjustments on this model?
    • ⤷ What is the difference between the R2 and M2 power supply options?