전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AC-AB1-R

  • AI
    The **M2AC-AB1-R** is a specific model within the **M2 series** of industrial emergency stop (E-Stop) switches, typically manufactured by **IDEC** or associated industrial control brands. These components are designed for high reliability in safety-critical automation environments. --- ## 1. Component Specifications The M2AC-AB1-R is a mushroom-head emergency stop switch. Below are the key electronic and mechanical parts: | Part Category | Specification | Description | | :--- | :--- | :--- | | **Operator Type** | Mushroom Head (40mm) | Large red button for easy physical access. | | **Action Type** | Push-Lock / Turn-Reset | Stays depressed when pushed; requires a twist to release. | | **Contact Block** | 1NC (Normally Closed) | Standard safety configuration (opens circuit when pressed). | | **Termination** | Solder/Tab Terminal | Designed for secure wiring or PCB mounting. | | **Illumination** | Non-Illuminated | This specific model suffix (-R) usually denotes a standard red plastic cap. | | **Mounting Hole** | 12mm / 16mm | Compact footprint for control panels. | --- ## 2. Electronic Functionality The core electronic purpose of the M2AC-AB1-R is to provide a **positive opening operation**. ### Contact Mechanism Unlike standard switches, the internal parts are designed to ensure the circuit is physically forced open even if the contacts attempt to weld together. * **Safety Rating:** Typically meets EN60947-5-5 standards. * **Current/Voltage:** Usually rated for small loads (e.g., 250V AC/DC at 3A to 5A depending on the specific contact block attachment). --- ## 3. Structural Breakdown The unit consists of several modular parts: 1. **The Actuator (Mushroom Head):** Made of high-impact plastic (Red). 2. **The Bezel:** Usually black or metallic, securing the device to the panel. 3. **The Contact Block:** The "electronic" heart of the unit. In the "AB1" configuration, it focuses on a single-pole, single-throw (SPST) NC path. 4. **Locking Spring:** A heavy-duty mechanical spring that ensures the "Lock" state is maintained until manual intervention. --- ## 4. Wiring Diagram Concept In a safety circuit, the M2AC-AB1-R is wired in series with the power supply to a contactor or safety relay. ```mermaid graph LR Power[24V DC / 110V AC] --> Switch[M2AC-AB1-R NC Contact] Switch --> Relay[Safety Relay / Motor Starter] Relay --> Ground[Return] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M2AC series contact blocks?
    • ⤷ Is there an illuminated version of the M2AC switch available?
    • ⤷ How do I mount the M2AC-AB1-R to a 16mm control panel?