전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AC-AB4W-R2/Q

  • AI
    The part number **M2AC-AB4W-R2/Q** refers to a high-performance **Magnetic Angle Sensor IC**, typically manufactured by companies like **MagAlpha (MPS - Monolithic Power Systems)** or similar specialized sensor producers. These components are used to detect the angular position of a permanent magnet (usually a diametrically magnetized cylinder) placed above or below the chip. --- ## 1. Technical Specifications Overview Below is a breakdown of the typical electronic characteristics for this series: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Sensor Type** | Hall Effect | Uses a vertical Hall array to detect magnetic field vectors. | | **Resolution** | 12 to 14 bits | Provides high precision for angular measurement. | | **Interface** | SPI / PWM / ABZ | Supports Serial Peripheral Interface and Incremental Encoder outputs. | | **Supply Voltage** | 3.3V (Typical) | Standard low-power logic level. | | **Package** | QFN-16 | Small footprint (3x3mm or 4x4mm) for compact PCB designs. | | **Sampling Rate** | Up to 1 MHz | High-speed tracking suitable for motor control. | --- ## 2. Key Internal Electronic Components The "AB4W" and "R2" designations usually signify specific feature sets within the internal circuitry: ### A. The Hall Array The core of the chip consists of **Vertical Hall Plates**. Unlike standard Hall sensors that measure field strength, these are arranged in a circle to measure the *phase* of the magnetic field, which translates directly to a rotation angle. ### B. Analog-to-Digital Converter (ADC) The raw analog signals from the Hall plates are processed by a high-speed ADC. The **"AB4W"** suffix often relates to the specific output configuration, such as: * **A/B/Z Incremental Outputs:** Mimics an optical encoder. * **UVW Outputs:** Used for Commutation in Brushless DC (BLDC) motors. ### C. Non-Volatile Memory (EEPROM/OTP) The **/Q** at the end of the part number often indicates **Automotive Grade** qualification (AEC-Q100) or a specific factory-programmed configuration stored in internal non-volatile memory. This allows the chip to retain zero-point settings even after power loss. --- ## 3. Typical Application Circuit In a standard electronic design, the M2AC series requires minimal external components: ```c // Connection Logic for SPI Mode [MCU] [M2AC-AB4W-R2/Q] CS ------------> CS (Chip Select) SCLK ------------> CLK (Clock) MISO <------------ DOUT (Data Out) MOSI ------------> DIN (Data In) 3.3V ------------> VDD GND ------------> GND ``` --- ## 4. Common Use Cases 1. **Robotic Joints:** Monitoring the exact angle of a limb. 2. **BLDC Motor Control:** Replacing bulky optical encoders for rotor position sensing. 3. **Digital Potentiometers:** Creating wear-free rotating knobs for industrial interfaces. 4. **Automotive Steering:** Measuring steering wheel angle or pedal position.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the SPI and ABZ output modes in this sensor?
    • ⤷ What magnetic field strength (mT) is required for optimal performance?
    • ⤷ Is the /Q suffix specifically related to AEC-Q100 automotive certification?