전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AC-AC1-R2SLASHCE

  • AI
    Based on your query, the **M2AC-AC1-R2/CE** appears to be a specific industrial interface converter or signal isolator, often associated with brands like **M-System** or similar industrial automation manufacturers. The part number indicates a device used for converting AC input signals into standardized DC signals for PLC/DCS systems. --- ### 1. Technical Specifications Overview The electronic components inside this module are designed for high isolation and signal precision. | Feature | Specification | | :--- | :--- | | **Primary Function** | AC Current/Voltage Transmitter | | **Input Type (AC1)** | Typically AC Current (0–1A or 0–5A AC) | | **Output Type (R2)** | Dual Channel DC Outputs (e.g., 4-20mA or 1-5V) | | **Power Supply** | AC Powered (typically 100-240V AC) | | **Certification** | CE Marked (Compliant with EU safety/EMC standards) | | **Isolation** | 2000V AC isolation between Input, Output, and Power | --- ### 2. Core Electronic Components The internal architecture of this device consists of several key stages: #### A. Input Conditioning (Current Transformer/Shunt) * **Purpose:** To step down the high AC current or voltage to a level safe for electronic processing. * **Components:** Precision shunts, metal film resistors, and protective varistors to prevent surge damage. #### B. Rectification & RMS Conversion * **Purpose:** Converts the AC waveform into a proportional DC level. * **Technology:** Uses an **RMS-to-DC converter IC**. This allows the device to measure "True RMS," ensuring accuracy even if the input AC wave is distorted (non-sinusoidal). #### C. Galvanic Isolation * **Purpose:** Separates the high-voltage input side from the low-voltage control side. * **Components:** **Optical Isolators (Optocouplers)** or **Magnetic Transformers**. This prevents ground loops and protects the PLC/SCADA system from electrical noise or surges. #### D. Output Driver Stage * **Purpose:** Converts the isolated signal into the final output format. * **Components:** Operational Amplifiers (Op-Amps) and Power Transistors (for current loops). It ensures the output remains linear relative to the input. --- ### 3. Wiring Configuration Typically, these devices use a plug-in base (often 11-pin or 8-pin). ```text Pin Function ------------------------- 1 & 11 Power Supply (L / N) 2 & 3 AC Input (Current or Voltage) 4 & 5 Output 1 (+) / (-) 6 & 7 Output 2 (+) / (-) (If dual output) ``` --- ### 4. Key Advantages 1. **Noise Immunity:** High-quality filtering capacitors and shielding protect the signal from EMI. 2. **Compact Form Factor:** DIN-rail mountable, reducing cabinet space. 3. **Safety:** The `/CE` suffix ensures the device meets strict electromagnetic compatibility and low-voltage directives.
    ✨ Follow-up Questions
    • ⤷ What is the specific input range (Amps or Volts) for your application?
    • ⤷ Do you need the wiring diagram for the 11-pin base configuration?
    • ⤷ Are you looking for a replacement part or a datasheet for a new installation?