전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AC-AC4W-R/CE

  • AI
    Based on the technical specifications, the **M2AC-AC4W-R/CE** is a high-performance, ultra-slim signal transducer (isolator) manufactured by **M-System**. It is designed to convert an AC current input into a standard process signal. --- ### 1. Key Technical Specifications | Parameter | Specification Details | | :--- | :--- | | **Model Series** | M2AC (Ultra-slim Signal Conditioner) | | **Input Signal** | AC Current (0 – 1A AC or 0 – 5A AC, specified at order) | | **Output Signal** | 4 – 20 mA DC | | **Power Input** | 24V DC | | **Accuracy** | ±0.3% | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Isolation** | 3-way (Input to Output to Power) | | **Mounting** | DIN Rail | --- ### 2. Functional Components The "Electronic Parts" or internal logic of this device can be broken down into four main stages: #### A. Input Conditioning (Current Transformer) The device contains a miniature internal current transformer (CT) that steps down the high AC current input to a level safe for electronic processing. This stage provides the primary galvanic isolation. #### B. Rectifier & Filter Circuit Since the input is AC (Alternating Current) and the processing is DC (Direct Current), the device uses a precision bridge rectifier circuit. It converts the sinusoidal AC wave into a pulsating DC signal, which is then smoothed by a low-pass filter to determine the RMS or average value. #### C. Signal Isolation (Optical/Magnetic) To protect sensitive PLC/DCS equipment, the internal circuitry uses an opto-isolator or magnetic transformer to transfer the signal across an isolation barrier. This prevents ground loops and protects against high-voltage surges (up to 2000V AC). #### D. Output Driver (4-20mA Loop) The final stage is a constant-current regulator. It translates the processed signal into a linear 4-20mA DC output. It is designed to handle specific load resistances (usually up to 550 $\Omega$). --- ### 3. Model Code Breakdown: M2AC-AC4W-R/CE * **M2AC**: Series name (Plug-in Signal Conditioner). * **AC**: Input type (AC Current). * **4W**: Output type (4 – 20 mA DC). * **R**: Power Input (24V DC). * **CE**: Certification (Compliant with European Safety and EMC standards). --- ### 4. Application Usage This part is typically used in industrial motor control centers (MCC) to monitor the current draw of an AC motor and send that data to a controller for energy management or overload protection.
    ✨ Follow-up Questions
    • ⤷ What is the maximum allowable load resistance for the 4-20mA output?
    • ⤷ Can this module be used to measure non-sinusoidal (distorted) AC waves?
    • ⤷ What is the dielectric strength between the input and output terminals?