전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AC-AC6-R

  • AI
    The **M2AC-AC6-R** is a specific model of an AC-to-AC Solid State Relay (SSR) or power controller, typically manufactured by companies like **M-System** or similar industrial automation providers. These devices are designed to control high-power AC loads using a low-power AC control signal. --- ### 1. General Specifications The part number breaks down into specific electronic characteristics. Below is a breakdown of the typical technical parameters for this series: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input (Control)** | 100 – 120V AC | The voltage required to trigger the relay. | | **Output (Load)** | 24 – 240V AC | The voltage range the device can switch. | | **Current Rating** | 6 Amperes | The maximum continuous load current. | | **Isolation** | Photo-coupler | Electrical isolation between input and output circuits. | | **Switching Type** | Zero-cross | Switches when AC voltage is near zero to reduce EMI. | --- ### 2. Internal Electronic Components The device is composed of three main functional stages: #### A. Input Circuit (Control Side) * **Rectifier/Filter:** Converts the AC control signal to a stable internal DC level. * **Current Limiter:** Protects the internal LED of the photo-coupler from overcurrent. * **LED Indicator:** A visual status light (usually Green or Red) to show if the input is active. #### B. Isolation Layer * **Photo-Triac/Photo-Coupler:** Provides galvanic isolation (often up to 2000V AC). This ensures that a failure on the high-power load side does not destroy the control PLC or switch. #### C. Output Circuit (Power Side) * **Triac or Dual Thyristors (SCRs):** The primary switching element that handles the 6A load. * **Zero-Cross Circuit:** A detector that monitors the AC sine wave and only allows the Triac to turn on when the voltage is at the zero-crossing point. This prevents large inrush currents and electromagnetic interference. * **Snubber Circuit:** An internal Resistor-Capacitor (RC) network that protects the device against high $dv/dt$ (voltage spikes) from inductive loads like motors or solenoids. --- ### 3. Wiring Diagram Concept To integrate this part, the electronics are connected as follows: ```mermaid graph LR A[AC Control Signal] --> B(Input Terminals) B --> C{Isolation} C --> D(Zero-Cross Logic) D --> E[Output Triac] E --> F[AC Load/Motor] ``` ### 4. Key Benefits for Electronics Systems 1. **No Moving Parts:** Unlike electromechanical relays, it does not suffer from contact wear or arcing. 2. **Fast Response:** Switching happens within half a cycle of the AC frequency. 3. **Silent Operation:** Ideal for environments where clicking noises are undesirable. 4. **Compact DIN-Rail Mounting:** Designed for high-density industrial control panels. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current this 6A model can handle?
    • ⤷ Does the M2AC-AC6-R require an external heat sink for continuous 6A operation?
    • ⤷ What is the leakage current when the output is in the OFF state?