전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2ADS-113-R2

  • AI
    The **M2ADS-113-R2** is a specific variant of an industrial-grade **M.2 to Dual isolated CANBus module**. This hardware is primarily used in embedded computing, automation, and vehicular communication systems to bridge a standard PC interface (M.2) with specialized industrial networks. --- ### 1. Key Electronic Specifications The board is designed to handle high-speed data transmission while protecting the host system from electrical interference. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 B-M Key (2242 or 2280) | | **Interface** | USB 2.0 (via M.2 slot) | | **CAN Channels** | 2 Independent Channels | | **Isolation** | 2.5kV Optical/Galvanic Isolation | | **Protocol** | CAN 2.0A / 2.0B compliant | | **Baud Rate** | 5 Kbps to 1 Mbps | | **Controller** | Integrated high-performance MCU | --- ### 2. Major Electronic Components The architecture of the M2ADS-113-R2 consists of four primary stages: #### A. Host Interface (M.2 Connector) The module plugs into an M.2 slot. While M.2 can support PCIe or SATA, this specific module typically utilizes the **USB 2.0 signal pins** routed through the M.2 B-M key interface to communicate with the CPU. #### B. The CAN Controller & MCU The "brain" of the board is an onboard microcontroller (often an STM32 or similar) that handles the encapsulation of USB data into CAN frames. It manages: * Error handling (Bus-off states). * Message filtering and buffering. #### C. Isolated Transceivers This is the most critical electronic part for industrial safety. * **Galvanic Isolation:** Uses optocouplers or magnetic isolators to ensure there is no direct electrical path between the CAN network and the computer. * **Protection:** Prevents ground loops and protects the motherboard from high-voltage spikes (up to 2500V). #### D. Physical Layer (Transceivers) The **CAN Transceiver** chips (such as the TJA1051 or equivalent) convert the digital signals from the controller into the differential voltages required for the CAN_H and CAN_L wires. --- ### 3. Pinout and Connectivity The output usually terminates in a pin header or a D-Sub connector. The standard wiring follows the CAN standard: 1. **CAN_H:** High-level bus line. 2. **CAN_L:** Low-level bus line. 3. **GND:** Isolated Ground (separate from PC ground). 4. **Terminator:** Often includes a jumper for a **120-ohm resistor**, required at the end of a CAN network. --- ### 4. Application Use Cases * **Automotive Testing:** Connecting a laptop or industrial PC to a vehicle's OBD-II or internal bus. * **Factory Automation:** Interfacing with PLCs or motor controllers that use the CANopen or DeviceNet protocols. * **Robotics:** Managing distributed sensor arrays and actuators.
    ✨ Follow-up Questions
    • ⤷ Does this module require specific drivers for Windows or Linux?
    • ⤷ How do I enable the 120-ohm termination resistor on this board?
    • ⤷ Can this module support CAN FD (Flexible Data-rate)?