전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2ADS-1A3-R2

  • AI
    The **M2ADS-1A3-R2** is a specific industrial-grade AC-DC power supply module, typically categorized under the **M2ADS series**. These units are designed for high reliability in telecommunications, industrial automation, and server environments. --- ## 1. Core Technical Specifications Below are the primary electronic characteristics of the M2ADS-1A3-R2: | Parameter | Specification | | :--- | :--- | | **Input Type** | AC (Alternating Current) | | **Input Voltage Range** | 100V – 240V AC (Universal Input) | | **Output Voltage** | Typically 12V DC (Standard for M2 series) | | **Current Rating** | High-amperage output (A3 designation refers to power tier) | | **Form Factor** | Hot-swappable / Rack-mount module | | **Cooling** | Integrated Forced Air (Internal Fan) | --- ## 2. Key Electronic Components & Features The internal architecture of this module consists of several critical electronic stages: ### A. EMI Filtering & Input Protection * **MOV (Metal Oxide Varistors):** Protects the internal circuitry from voltage surges and lightning strikes. * **EMI Filter:** A network of capacitors and inductors that prevents electromagnetic interference from leaking back into the power grid. ### B. Power Factor Correction (PFC) * The module utilizes **Active PFC** circuitry. This ensures the current waveform is in phase with the voltage, maximizing efficiency and meeting international regulatory standards (like EN61000-3-2). ### C. DC-DC Conversion Stage * **PWM Controller:** A Pulse Width Modulation chip regulates the switching frequency of the MOSFETs to maintain a steady output voltage regardless of load changes. * **Transformers:** High-frequency ferrite core transformers provide galvanic isolation between the high-voltage AC input and the low-voltage DC output. ### D. Protection Circuitry The "R2" revision often includes enhanced logic for: 1. **OVP (Over Voltage Protection):** Shuts down the unit if the output exceeds safety limits. 2. **OCP (Over Current Protection):** Prevents damage during a short circuit. 3. **OTP (Over Temperature Protection):** Thermal sensors trigger a shutdown if the internal heatsinks exceed safe operating temperatures. --- ## 3. Connectivity and Interface The M2ADS-1A3-R2 typically features a specialized "Gold Finger" edge connector or a high-density pin connector at the rear: * **Power Pins:** Heavy-duty pins for DC Positive and Ground. * **Signal Pins:** Used for **I2C or PMBus communication**, allowing a host controller to monitor fan speed, temperature, and power consumption in real-time. * **Status LEDs:** Usually found on the front panel (Green for OK, Amber/Red for Fault). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum wattage rating for the M2ADS-1A3-R2?
    • ⤷ Is this power supply compatible with standard 19-inch rack enclosures?
    • ⤷ How does the 'Hot-Swap' functionality work in this specific module?